Electronic Components Datasheet Search
  English  ▼

X  

AS2702-16T Datasheet(PDF) 17 Page - ams AG

Part # AS2702-16T
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702-16T Datasheet(HTML) 17 Page - ams AG

Back Button AS2702-16T Datasheet HTML 10Page - ams AG AS2702-16T Datasheet HTML 11Page - ams AG AS2702-16T Datasheet HTML 12Page - ams AG AS2702-16T Datasheet HTML 13Page - ams AG AS2702-16T Datasheet HTML 14Page - ams AG AS2702-16T Datasheet HTML 15Page - ams AG AS2702-16T Datasheet HTML 16Page - ams AG AS2702-16T Datasheet HTML 17Page - ams AG AS2702-16T Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 17 of 18
Kinseki Europe GmbH
Rutronik Elektronische Bauelemente GmbH
Contact: Dirk Holstein
Contact: Jürgen Tischhauser
Schirmer Str. 76
Industriestrasse 2
D-40211 Düsseldorf
D-75228 Ispringen / Pforzheim
Tel.: +49-211-36815-33
Tel.: +49-7231-801-543
Fax: +49-211-36815-10
Fax: +49-7231-801-633
Email: dholstein@kinseki.de
Email: juergen_tischhauser@rutronik.com
$SSOLFDWLRQ6XSSRUW
For general information and documentation on the AS-Interface concept you may contact one
of the following AS-Interface Associations:
AS-International Association
Contact: Rolf Becker
Zum Taubengarten 52
D-63571 Gelnhausen
Tel.: +49-6051-473212
Fax: +49-6051-473282
Email: as-interface@t-online.de
AS-Interface Switzerland
AS-Interface France
Contact: Rainer Schnaidt
Contact: Gilles Mazet
Bittertenstraße 15
5 rue Nadar
CH-4702 Oensingen
F-92566 Rueil Malmaison cedex
Tel.: +41-62-388-2567
Tel.: +33-1-41-298294
Fax: +41-62-388-2525
Fax: +33-1-41-298482
Email: rainer.schnaidt@fho.ch
Email: gilles_mazet@mail.schneider.fr
AS-Interface Italy
AS-Interface The Nederlands
Contact: Maurizio Ghizzoni
Contact: Andre Braakman
Via G.B. Barinetti, 1
Boerhaavelaan 40
I-20145 Milano
NL-2700 AD Zoetermeer
Tel.: +39-02-66761
Tel.: +31-79-353-1269
Fax: +39-02-6676-3491
Fax: +31-79-353-1365
Email: maurizio.ghizzoni@siemens.it
Email: ABA@FME.NL
AS-Interface Great Britain
AS-Interface USA
Contact: Geoff Hodgkinson
Contact: Michael Bryant
1 West Street
16101 N. 82
nd Street, Suite 3B
GB-PO 14 4DH Titchfield, Hampshire
USA-85260 Scottsdale, Arizona
Tel.: +44-1329-511882
Tel.: +1-480-368-9091
Fax: +44-1329-512063
Fax: +1-480-483-7202
Email: asi_uk@gghcomms.demon.co.uk
Email: mbryant@goodnet.com
AS-Interface Belgium
AS-Interface Sweden
Contact: Maurice de Smedt
Contact: Lars Mattsson
Avenue Paul Hymanslaan 47
Karl Nordströms väg 31
B-1200 Bruxelles-Brussel
SE-43253 Varberg
Tel.: +32-2-771-3912
Tel.: +46-3406-29270
Fax: +32-2-771-1264
Fax: +46-3406-77190
Email: m.desmedt@udias.be
Email: lars-mattsson@marknadspartnermol.se



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com