Electronic Components Datasheet Search
  English  ▼

X  

AS2702-16T Datasheet(PDF) 18 Page - ams AG

Part # AS2702-16T
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702-16T Datasheet(HTML) 18 Page - ams AG

Back Button AS2702-16T Datasheet HTML 10Page - ams AG AS2702-16T Datasheet HTML 11Page - ams AG AS2702-16T Datasheet HTML 12Page - ams AG AS2702-16T Datasheet HTML 13Page - ams AG AS2702-16T Datasheet HTML 14Page - ams AG AS2702-16T Datasheet HTML 15Page - ams AG AS2702-16T Datasheet HTML 16Page - ams AG AS2702-16T Datasheet HTML 17Page - ams AG AS2702-16T Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 18 of 18
%LEOLRJUDSK\
ASI: The Actuator-Sensor-Interface for Automation
Edts.: Werner Kriesel, Otto W. Madelung
Carl Hanser Verlag, Munich and Vienna, 1995
ISBN: 3-446-18265-9
2UGHULQJ,QIRUPDWLRQ
AS2702-20T Package: SOIC 20; delivery: tape & reel
AS2702-16T Package: SOIC 16 W; delivery: tape & reel; no parameter port available
AS2702-20
Package: SOIC 20; delivery: tubes
AS2702-16
Package: SOIC 16 W; delivery: tubes; no parameter port available
Copyright
© 2000, Austria Mikro Systeme International AG, Schloß Premstätten, 8141 Unterpremstätten, Austria.
Tel. +43-(0)3136-500-0, Fax +43-(0)3136-52501, E-Mail info@amsint.com
All rights reserved. No part of this publication may be reproduced, stored in a retrieval system, or transmitted, in any form or by
any means, without the prior permission in writing by the copyright holder. To the best of its knowledge, Austria Mikro Systeme
International asserts that the information contained in this publication is accurate and correct.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com