Electronic Components Datasheet Search
  English  ▼

X  

1SS181 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # 1SS181
Description  Ultra High Speed Switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

1SS181 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  1SS181 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 1SS181 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP 1SS181 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ultra High Speed Switching
Application
1SS181
SOT –23
Low forward voltage : VF (3) = 0.92V (typ.)
Fast reverse recovery time : trr = 1.6ns (typ.)
Small total capacitance : CT = 2.2pF (typ.)
Maximum Ratings (TA = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
85
V
Reverse voltage
VR
80
V
Maximum (peak) forward current
IFM
300 *
mA
Average forward current
IO
100 *
mA
Surge current (10ms)
IFSM
2 *
A
Power dissipation
P
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~+125
°C
* : Unit rating. Total rating = Unit rating × 1.5.
Electrical Characteristics (TA = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
–IF = 1mA
–
0.61
–
Forward voltage
VF (2)
–IF = 10mA
–
0.74
–
V
VF (3)
–IF = 100mA
–
0.90
1.20
Reverse current
IR (1)
–VR = 30V
–
–
0.1
µA
IR (2)
–VR = 80V
–
–
0.5
Total capacitance
CT
–VR = 0, f = 1MHz
–
2.2
4.0
pF
Reverse recovery time
trr
–IF = 10mA (Fig.5)
–
1.6
4.0
ns
3
ANODE
CATHODE
1
2
CATHODE
Driver Marking
1SS181 = A3
We declare that the material of product
compliance with RoHS requirements.
WILLAS
SCS501V
VOLTAGE 40V
0.1AMP Schottky Barrier Rectifiers
FEATURES
* Extremely Low VF
* Extremely thin package
* Low stored charge
* Majority carrier conduction
* Case:Molded plastic, JEDEC SOD-323(SC-76)
* Terminal : Solder plated, solderable per MIL-STD-750,
Method 2026
* Polarity : Indicated by cathode band
* Mounting Position : Any
* Weight : 0.000159 ounce, 0.0045 gram
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Rating 25
oC ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
Symbol
Min.
Typ.
Max.
Unit
VRM
45
V
VR
40
V
I F = 10mA DC
F1
V
V
VR = 10V DC
IR
0.55
0.34
µ A
IO
30
A
A
TJ
oC
TSTG
oC
1
Continuous Reverse Voltage
Parameter
Forward Voltage
IFSM
Operating Temperature
Mean Rectifying Current
Conditions
Repetitive Peak Reverse Voltage
Storage Temperature
Reverse Current
V
F2
V
I F = 100mA DC
0.1
125
Peak forward surge current
Capacitance between terminals
CT
6.0
pF
-40
SOD-323(SC-76)
Marking Code: JV or 4
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
+125
MECHANICAL DATA
Pb Free Product
2004.12


Similar Part No. - 1SS181

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
130Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
07-May-1997
logo
TRANSYS Electronics Lim...
1SS181 TEL-1SS181 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
198Kb / 3P
Ultra High Speed Switching Application
01-Nov-2007
logo
Galaxy Semi-Conductor H...
1SS181 BILIN-1SS181 Datasheet
516Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS181 KEXIN-1SS181 Datasheet
34Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
More results

Similar Description - 1SS181

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DA227 DIODES-DA227 Datasheet
63Kb / 4P
Ultra high speed switching
logo
Toshiba Semiconductor
1SS184 TOSHIBA-1SS184_07 Datasheet
197Kb / 3P
Ultra High Speed Switching Application
01-Nov-2007
logo
Guangdong Kexin Industr...
1SS301 KEXIN-1SS301 Datasheet
43Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATIONS
1SS387 KEXIN-1SS387 Datasheet
32Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
logo
WILLAS ELECTRONIC CORP
1SS184 WILLAS-1SS184 Datasheet
149Kb / 3P
Ultra High Speed Switching
1SS226 WILLAS-1SS226 Datasheet
468Kb / 3P
Ultra High Speed Switching
logo
Rohm
DA228UT106 ROHM-DA228UT106 Datasheet
358Kb / 4P
Ultra high speed switching
logo
AiT Semiconductor Inc.
1SS181 AITSEMI-1SS181 Datasheet
464Kb / 5P
SWITCHING DIODES ULTRA HIGH SPEED SWITCHING
REV1.0
1SS184 AITSEMI-1SS184 Datasheet
461Kb / 5P
SWITCHING DIODES ULTRA HIGH SPEED SWITCHING
REV1.0
1SS226 AITSEMI-1SS226 Datasheet
459Kb / 5P
SWITCHING DIODES ULTRA HIGH SPEED SWITCHING
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com