Electronic Components Datasheet Search
  English  ▼

X  

1SS181 Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # 1SS181
Description  Ultra High Speed Switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

1SS181 Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  1SS181 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 1SS181 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP 1SS181 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SS181
Fig.1 FORWARD VOLTAGE VF(V)
Fig.4 FORWARD CURRENT IF(mA)
Fig.3 REVERSE VOLTAGE VR(V)
0
0.2
0.4
0.6
0.8
1.0
1.2
0.3
1
3
10
30
100
0.1
0.3
1
3
10
30
25
-25
2.5
2.0
1.5
1.0
0.5
0
100
50
30
10
5
3
1
0.5
Fig.5 Reverse recovery time (trr) test circuit
0
INPUT
-6V
50ns
0.01 F DUT
E
OUTPUT
OSCILLOSCOPE
(RIN=50 )
PULSE GENERATOR
(ROUT=50 )
Ta=25
Fig.5
f=1MHz
Ta=25
IF=10mA
0
IR
trr
0.1IR
OUTPUT
WAVEFORM
Fig.2 REVERSE VOLTAGE VR(V)
0
20
40
60
80
75
50
25
10
1
100n
10n
1n
Ta=100
Electrical characteristic curves
WILLAS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com