Electronic Components Datasheet Search
  English  ▼

X  

1SS355 Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # 1SS355
Description  Switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

1SS355 Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  1SS355 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 1SS355 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP 1SS355 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
.
Electrical characteristic curves (Ta=25
°C)
Ta=125
°C
75
°C
25
°C
−25°C
Fig.1 Forward characteristics
FORWARD VOLTAGE : VF (V)
10
µ
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
100
µ
1m
10m
100m
1
0
20406080
100
120
1n
10n
100n
1
µ
10
µ
0.1m
1m
Ta=125
°C
Ta=75
°C
Ta=25
°C
Fig.2 Reverse characteristics
REVERSE VOLTAGE : VR (V)
Fig.3 Capacitance between
terminals characteristics
REVERSE VOLTAGE : VR (V)
02468
10
12
14
0.1
0.2
0.5
1
2
5
10
VR=6V
Irr=1/10IR
Fig.4 Reverse recovery time
characteristics
FORWARD CURRENT : IF (mA)
0
102030
0
1
2
3
Fig.5 Surge current characteristics
PULSE WIDTH : TW (ms)
0.1
1
10
100
1000
10000
1
5
10
2
20
50
PULSE
Single pulse
100
Fig.6 Reverse recovery time (trr) measurement circuit
SAMPLING
OSCILLOSCOPE
PULSE GENERATOR
OUTPUT 50
Ω
5k
Ω
50
Ω
0.01
µF
D.U.T.
1SS355
WILLAS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com