Electronic Components Datasheet Search
  English  ▼

X  

1SS355 Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # 1SS355
Description  Switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

1SS355 Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  1SS355 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 1SS355 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP 1SS355 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
K
A
D
1
2
B
C
E
0.63
0.02''
0.83
0.033''
1.60
0.063"
2.85
0.112''
mm
inches
H
J
SOD-323
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
MIN
MAX
MIN
MAX
1.60
1.80
0.063
0.071
1.15
1.40
0.045
0.055
0.80
1.00
0.031
0.039
0.25
0.40
0.010
0.016
0.15 REF
0.006 REF
0.00
0.10
0.000
0.004
0.089
0.177
0.0035
0.0070
2.30
2.70
0.091
0.106
MILLIMETERS
DIM
A
B
C
D
E
H
J
K
INCHES
1SS355
PIN:1:CATHODE
2:ANODE
WILLAS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com