Electronic Components Datasheet Search
  English  ▼

X  

MCL4148 Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # MCL4148
Description  Micro Melf Switchind diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

MCL4148 Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  MCL4148 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP MCL4148 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP MCL4148 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP MCL4148 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCL4148.MCL4448
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=5mA
MCL4448
VF
0.62
0.72
V
g
IF=50mA
MCL4148
VF
0.86
1
V
IF=100mA
MCL4448
VF
0.93
1
V
Reverse current
VR=20V
IR
25
nA
VR=20V, Tj=150°C
IR
50
mA
VR=75V
IR
5
mA
Breakdown voltage
IR=100mA, tp/T=0.01,
tp=0.3ms
V(BR)
100
V
Diode capacitance
VR=0, f=1MHz, VHF=50mV
CD
4
pF
Rectification efficiency
VHF=2V, f=100MHz
hr
45
%
Reverse recovery time
IF=IR=10mA, iR=1mA
trr
8
ns
y
IF=10mA, VR=6V, iR=0.1xIR,
RL=100W
trr
4
ns
Characteristics (Tj = 25_C unless otherwise specified)
25
2.5
10
0.71
1.3
1.27
9.9
24
0.152
0.355
Figure 1. Board for RthJA definition (in mm)
1.2
1.2
2.4
0.6
0.6
Reflow Soldering
Figure 2. Recommended foot pads (in mm)
1.4
1.4
2.8
0.7
0.7
Wave Soldering
Figure 3. Recommended foot pads (in mm)
WILLAS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com