Electronic Components Datasheet Search
  English  ▼

X  

MCL4148 Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # MCL4148
Description  Micro Melf Switchind diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

MCL4148 Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  MCL4148 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP MCL4148 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP MCL4148 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP MCL4148 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCL4148.MCL4448
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF – Forward Voltage ( V )
2.0
Scattering Limit
Tj =25°C
Figure 4. Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF – Forward Voltage ( V )
2.0
Scattering Limit
Tj =25°C
Figure 5. Forward Current vs. Forward Voltage
110
1
10
100
1000
VR – Reverse Voltage ( V )
100
Scattering Limit
Tj =25°C
Figure 6. Reverse Current vs. Reverse Voltage
0.1
1
10
0
0.5
1.0
1.5
2.0
3.0
VR – Reverse Voltage ( V )
100
2.5
f = 1 MHz
Tj =25°C
Figure 7. Diode Capacitance vs. Reverse Voltage
MCL4148
MCL4448
WILLAS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com