Electronic Components Datasheet Search
  English  ▼

X  

SC2308AEVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC2308AEVB
Description  600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2308AEVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC2308AEVB Datasheet HTML 2Page - Semtech Corporation SC2308AEVB Datasheet HTML 3Page - Semtech Corporation SC2308AEVB Datasheet HTML 4Page - Semtech Corporation SC2308AEVB Datasheet HTML 5Page - Semtech Corporation SC2308AEVB Datasheet HTML 6Page - Semtech Corporation SC2308AEVB Datasheet HTML 7Page - Semtech Corporation SC2308AEVB Datasheet HTML 8Page - Semtech Corporation SC2308AEVB Datasheet HTML 9Page - Semtech Corporation SC2308AEVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
SC2308A
EN Pin Current vs VEN
0
20
40
60
80
0
5
10
15
20
VEN (V)
-40oC
25oC
105oC
VIN Quiescent Current
vs Temperature
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
Temperature (oC)
VEN = 3V
VIN = 3V
Soft-Start Time
(1) vs Temperature
2.0
2.5
3.0
3.5
4.0
-50
-25
0
25
50
75
100
125
Temperature (oC)
VIN = 3V
Typical Characteristics (Cont.)
VIN Quiescent Current vs VIN
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
VIN (V)
25oC
105oC
-40oC
Minimum VIN vs Temperature
2.0
2.2
2.4
2.6
2.8
-50
-25
0
25
50
75
100
125
Temperature (oC)
Notes:
() Time taken for the error amplifier soft-start input to rise from 0 to .22V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com