Electronic Components Datasheet Search
  English  ▼

X  

SC2308AEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2308AEVB
Description  600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2308AEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2308AEVB Datasheet HTML 9Page - Semtech Corporation SC2308AEVB Datasheet HTML 10Page - Semtech Corporation SC2308AEVB Datasheet HTML 11Page - Semtech Corporation SC2308AEVB Datasheet HTML 12Page - Semtech Corporation SC2308AEVB Datasheet HTML 13Page - Semtech Corporation SC2308AEVB Datasheet HTML 14Page - Semtech Corporation SC2308AEVB Datasheet HTML 15Page - Semtech Corporation SC2308AEVB Datasheet HTML 16Page - Semtech Corporation SC2308AEVB Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
4
SC2308A
Applications Information (Continued)
L1
D1
C4
GND
R2
VIN
VOUT
C1
R1
SW
C2
C3
C6
EN
U1
pin1
Figure 9. Suggested PCB Layout for the SC2308A
Board Layout Considerations
In a boost converter, the main power switch, the rectifying
diode, and the output filter capacitor carry pulse currents
with high di/dt. For jitter-free operation, the size of the
loop formed by these components should be minimized.
The main power switch is integrated inside the SC2308A.
Therefore, the output capacitor should be connected close
to the device ground pin. Shortening the trace at the SW pin
reduces the parasitic trace inductance. This decreases volt-
age ringing at the SW node. The input capacitor should be
placed close to the input and the GND pins. Figure 9 shows
an example of external component placement around the
SC2308A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com