Electronic Components Datasheet Search
  English  ▼

X  

LE25U40CMC Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LE25U40CMC
Description  4M-bit (512K횞8) Serial Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25U40CMC Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LE25U40CMC Datasheet HTML 9Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 10Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 11Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 12Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 13Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 14Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 15Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 16Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LE25U40CMC
No.A2098-13/23
9. Chip Erase
Chip erase is an operation that sets the memory cell data in all the sectors to "1". "Figure 14 Chip Erase" shows the
timing waveforms, and Figure 21 shows a chip erase flowchart. The chip erase command consists only of the first bus
cycle, and it is initiated by inputting (60h) or (C7h). After the command has been input, the internal erase operation
starts from the rising CS edge, and it ends automatically by the control exercised by the internal timer. Erase end can
also be detected using status register RDY.
Figure 14 Chip Erase
10. Page Program
Page program is an operation that programs any number of bytes from 1 to 256 bytes within the same sector page (page
addresses: A18 to A8). Before initiating page program, the data on the page concerned must be erased using small
sector erase, sector erase, or chip erase. "Figure 15 Page Program" shows the page program timing waveforms, and
Figure 22 shows a page program flowchart. After the falling CS, edge, the command (02H) is input followed by the 24-
bit addresses. Addresses A18 to A0 are valid. The program data is then loaded at each rising clock edge until the rising
CS edge, and data loading is continued until the rising CS edge. If the data loaded has exceeded 256 bytes, the 256
bytes loaded last are programmed. The program data must be loaded in 1-byte increments, and the program operation is
not performed at the rising CS edge occurring at any other timing.
Figure 15 Page Program
SCK
SI
High Impedance
SO
CS
tCHE
Self-timed
Erase Cycle
60h / C7h
0
1
2
3
4
5
6
7
Mode3
Mode0
8CLK
MSB
tPP
Self-timed
Program Cycle
SCK
SI
High Impedance
SO
CS
PD
Add.
Add.
02h
Add.
PD
15
0
1
2
3
4
5
6
7
8
23
16
24
31 32
39 40
47
Mode3
Mode0
8CLK
PD
2079
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com