Electronic Components Datasheet Search
  English  ▼

X  

LE25U40CMC Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LE25U40CMC
Description  4M-bit (512K횞8) Serial Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25U40CMC Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LE25U40CMC Datasheet HTML 1Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 2Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 3Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 4Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 5Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 6Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 7Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 8Page - Sanyo Semicon Device LE25U40CMC Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LE25U40CMC
No.A2098-2/23
Package Dimensions
unit : mm (typ)
3434
Figure 1 Pin Assignments
Top view
CS
SO/SIO1
WP
VSS
VDD
HOLD
SCK
SI/SIO0
1
2
3
4
8
7
6
5
SANYO : SOP8J(200mil)
4.9
1
8
2
0.2
0.4
1.27
(0.55)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com