Electronic Components Datasheet Search
  English  ▼

X  

TS9002 Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # TS9002
Description  Low-Power Single/Dual-Supply Dual Comparator with Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9002 Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  TS9002 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TS9002
TS9002DS r1p0
Page 3
RTFDS
ELECTRICAL CHARACTERISTICS
– 5V OPERATION
V+ = 5V, V- = GND = 0V; TA = -40ºC to +85ºC, unless otherwise noted. Typical values are at TA = +25ºC. See Note 1.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Supply Voltage Range
2.5
11
V
Supply Current
IN+ = IN- + 100mV
HYST = REF
TA = +25°C
2.6
4
µA
-40°C to +85°C
5.2
COMPARATOR
Input Offset Voltage
VCM = 2.5V
TA = +25°C
±3.5
mV
-40°C to +85°C
±10
Input Leakage Current (IN-, IN+)
IN+ = IN- = 2.5V
TA = +25°C
±0.01
±2
nA
-40°C to +85°C
±0.01
±5
nA
Input Leakage Current (HYST)
TA = +25°C
±0.02
nA
-40°C to +85°C
±0.02
nA
Input Common-Mode Voltage Range
V-
V+
– 1.3V
V
Common-Mode Rejection Ratio
V- to (V+
– 1.3V)
0.1
1
mV/V
Power-Supply Rejection Ratio
V+ = 2.5V to 11V
0.1
1
mV/V
Output Voltage Noise
100Hz to 100kHz
20
μV
RMS
Hysteresis Input Voltage Range
REF- 0.05V
REF
V
Response Time
(High-to-Low Transition)
TA = +25°C, 100pF load
Overdrive = 10 mV
17
μs
Overdrive = 100 mV
7
Response Time
(Low-to-High Transition)
TA = +25°C, 100pF Load
Overdrive = 10 mV
17
μs
Overdrive = 100 mV
7
Output High Voltage
-40°C to +85°C; IOUT = 17mA
V+
– 0.4
V
Output Low Voltage
-40°C to +85°C; IOUT = 1.8mA
GND + 0.4
V
Dual Supply
-40°C to +85°C; IOUT = 1.8mA
V- + 0.4
V
REFERENCE
Reference Voltage
TA = +25°C
1.173
1.182
1.191
V
-40°C to +85°C
1.164
1.199
Reference Line Regulation
2.5V ≤ (V+ - V-) ≤ 11V
TA = +25°C
0.25
mV/V
Source Current
ΔVREF = 1%
TA = +25°C
20
25
μA
-40°C to +85°C
6
Sink Current
ΔVREF = 1%
TA = +25°C
10
15
μA
-40°C to +85°C
4
Output Voltage Noise
100Hz to 100kHz
100
μV
RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com