Electronic Components Datasheet Search
  English  ▼

X  

TS9002 Datasheet(PDF) 7 Page - Touchstone Semiconductor Inc

Part # TS9002
Description  Low-Power Single/Dual-Supply Dual Comparator with Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9002 Datasheet(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TS9002 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TS9002
TS9002DS r1p0
Page 7
RTFDS
PIN FUNCTIONS
BLOCK DIAGRAM
THEORY OF OPERATION
The TS9002 dual, low-voltage, micropower analog
comparator
provides
excellent
flexibility
and
performance while sourcing continuously up to
40mA of current. The TS9002 draws less than
5.5µA (total) over temperature for both comparators,
including the reference. It also exhibits an input
offset voltage of ±3.5mV, and has an on-board
+1.182V ±0.75% voltage reference. To minimize
glitches that can occur with parasitic feedback or a
less than optimal board layout, the design of the
TS9002 output stage is optimized to eliminate
crowbar glitches as the output switches. To minimize
current
consumption
while
providing
flexibility,
TS9002 has an on-board HYST pin in order to add
additional hysteresis.
Power-Supply and Input Signal Ranges
The TS9002 can operate from a single supply
voltage range of +2.5V to +11V, provides a wide
common mode input voltage range of V- to V+-1.3V,
and accepts input signals ranging from V- to
V+ - 1V. The inputs can accept an input as much as
300mV above and below the power supply rails
without damage to the part. The TS9002 is TTL
compatible with a single +5V supply.
Comparator Output
The output design of the TS9002 can source and
sink more than 40mA and 5mA, respectively, while
simultaneously maintaining a quiescent current less
TS9002
NAME
FUNCTION
MSOP-8
1
OUTA
Comparator A Output. Sinks and sources current. Swings from V+ to V-.
2
V-
Negative Supply Voltage. Connect to ground for single-supply operation.
3
INA+
Comparator A Noninverting Input
4
INB-
Comparator B Inverting Input
5
HYST
Hysteresis Input. Connect to REF if not used. Input voltage range is from
VREF to (VREF - 50mV).
6
REF
1.182V Reference Output with respect to V-.
7
V+
Positive Supply Voltage
8
OUTB
Comparator B Output. Sinks and sources current. Swings from V+ to V-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com