Electronic Components Datasheet Search
  English  ▼

X  

AD10265 Datasheet(PDF) 8 Page - Analog Devices

Part # AD10265
Description  Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10265 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD10265 Datasheet HTML 4Page - Analog Devices AD10265 Datasheet HTML 5Page - Analog Devices AD10265 Datasheet HTML 6Page - Analog Devices AD10265 Datasheet HTML 7Page - Analog Devices AD10265 Datasheet HTML 8Page - Analog Devices AD10265 Datasheet HTML 9Page - Analog Devices AD10265 Datasheet HTML 10Page - Analog Devices AD10265 Datasheet HTML 11Page - Analog Devices AD10265 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
–8–
REV. 0
AD10265–Typical Performance Characteristics
FREQUENCY – MHz
0
–60
–100
0
8192
1024
2048
3072
4096
5120
6144
7168
–10
–50
–70
–90
–30
–40
–80
–20
–140
–110
–130
–120
ENCODE = 65.0MSPS
AIN = 1.24MHz
AIN = –1.004dBFS
SNR = 64.88dB
SFDR = 78.81dBc
Figure 6. Single Tone @ 1.24 MHz
FREQUENCY – MHz
0
–60
–100
0
8192
1024
2048
3072
4096
5120
6144
7168
–10
–50
–70
–90
–30
–40
–80
–20
–140
–110
–130
–120
ENCODE = 65.0MSPS
AIN = 17MHz
AIN = –1dBFS
SNR = 63.83dB
SFDR = 78.22dBc
Figure 7. Single Tone @ 17 MHz
FREQUENCY – MHz
0
–60
–100
0
8192
1024
2048
3072
4096
5120
6144
7168
–10
–50
–70
–90
–30
–40
–80
–20
–140
–110
–130
–120
ENCODE = 65.0MSPS
AIN = 32MHz
AIN = –1.021dBFS
SNR = 64.11dB
SFDR = 78.14dBc
Figure 8. Single Tone @ 32 MHz
FREQUENCY – MHz
0
–60
–100
0
8192
1024
2048
3072
4096
5120
6144
7168
–10
–50
–70
–90
–30
–40
–80
–20
–140
–110
–130
–120
ENCODE = 65.0MSPS
AIN = 17MHz AND 18MHz
AIN = –7.067dBFS
SFDR = 78dBc
Figure 9. Two-Tone FFT @ 17 MHz/18 MHz
ANALOG FREQUENCY – MHz
60
1.24
32
17
66
64
63
61
65
62
ENCODE = 65MHz
+25 C
+125 C
–55 C
Figure 10. SNR vs. AIN
FUNDAMENTAL – dBFS
40
0
–70.18
–50.18
–60.09
80
50
10
AIN = 17MHz
ENCODE RATE 65MHz
SFDR – dBc
20
30
60
70
SFDR – 75dB
SFDR – dBFS
–39.92
–30.07
–20.02
–10.1
–1.099
90
Figure 11. Single Tone SFDR (AIN @ 17 MHz) vs. Power
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com