Electronic Components Datasheet Search
  English  ▼

X  

AD10265 Datasheet(PDF) 11 Page - Analog Devices

Part # AD10265
Description  Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10265 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD10265 Datasheet HTML 7Page - Analog Devices AD10265 Datasheet HTML 8Page - Analog Devices AD10265 Datasheet HTML 9Page - Analog Devices AD10265 Datasheet HTML 10Page - Analog Devices AD10265 Datasheet HTML 11Page - Analog Devices AD10265 Datasheet HTML 12Page - Analog Devices AD10265 Datasheet HTML 13Page - Analog Devices AD10265 Datasheet HTML 14Page - Analog Devices AD10265 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AD10265
–11–
REV. 0
If a low jitter ECL clock is available, another option is to ac-
couple a differential ECL signal to the encode input pins as
shown below. The capacitors shown here should be chip capaci-
tors, but do not need to be of the low inductance variety.
ENCODE
ENCODE
AD10265
ECL
GATE
0.1 F
0.1 F
–VS
510
510
Figure 19. Differential ECL for Encode
As a final alternative, the ECL gate may be replaced by an ECL
comparator. The input to the comparator could then be a logic
signal or a sine signal.
ENCODE
ENCODE
AD10265
0.1 F
0.1 F
–VS
50
AD96687 (1/2)
510
510
Figure 20. ECL Comparator for Encode
USING THE FLEXIBLE INPUT
The AD10265 has been designed with the user’s ease of opera-
tion in mind. Multiple input configurations have been included
on board to allow the user a choice of input signal levels and
input impedance. While the standard inputs are
±0.5 V, ±1.0 V
and
±2.0 V, the user can select the input impedance of the
AD10265 on any input by using the other inputs as alternate
locations for GND or an external resistor. The following
chart summarizes the impedance options available at each
input location:
AIN1 = 100 Ω when AIN2 and AIN3 Are Open.
AIN1 = 75
Ω when A
IN3 Is Shorted to GND.
AIN1 = 50
Ω when A
IN2 Is Shorted to GND.
AIN2 = 200 Ω when AIN3 Is Open.
AIN2 = 100
Ω when A
IN3 Is Shorted to GND.
AIN2 = 75
Ω when A
IN2 to AIN3 Has an External Resistor of
AIN2 = 300 Ω, with AIN 3 Shorted to GND.
AIN2 = 50
Ω when A
IN2 to AIN3 Has an External Resistor of
AIN2 = 100
Ω, with A
IN3 Shorted to GND.
AIN3 = 400 Ω.
AIN3 = 100
Ω when A
IN3 Has an External Resistor of 133
Ω to GND.
AIN3 = 75
Ω when A
IN3 Has an External Resistor of 92
Ω to GND.
AIN3 = 50 Ω when AIN3 Has an External Resistor of 57 Ω to GND.
GROUNDING AND DECOUPLING
Analog and Digital Grounding
Proper grounding is essential in any high speed, high resolution
system. Multilayer printed circuit boards (PCBs) are recom-
mended to provide optimal grounding and power schemes. The
use of ground and power planes offers distinct advantages:
1. The minimization of the loop area encompassed by a signal
and its return path.
2. The minimization of the impedance associated with ground
and power paths.
3. The inherent distributed capacitor formed by the power
plane, PCB insulation and ground plane.
These characteristics result in both a reduction of electro-
magnetic interference (EMI) and an overall improvement in
performance.
It is important to design a layout that prevents noise from cou-
pling to the input signal. Digital signals should not be run in
parallel with input signal traces and should be routed away from
the input circuitry. The AD10265 does not distinguish between
analog and digital ground pins as the AD10265 should always
be treated as an analog component. All ground pins should be
connected together directly under the AD10265. The PCB
should have a ground plane covering all unused portions of the
component side of the board to provide a low impedance path
and manage the power and ground currents. The ground plane
should be removed from the area near the input pins to reduce
stray capacitance.
LAYOUT INFORMATION
The schematic of the evaluation board (Figure 21) represents a
typical implementation of the AD10265. The pinout of the
AD10265 is very straightforward and facilitates ease of use
and the implementation of high frequency/high resolution
design practices. It is recommended that high quality ceramic
chip capacitors be used to decouple each supply pin to
ground directly at the device. All capacitors can be standard
high quality ceramic chip capacitors.
Care should be taken when placing the digital output runs.
Because the digital outputs have such a high slew rate, the
capacitive loading on the digital outputs should be minimized.
Circuit traces for the digital outputs should be kept short and
connect directly to the receiving gate. Internal circuitry buffers
the outputs of the AD6640 ADC through a resistor network to
eliminate the need to externally isolate the device from the
receiving gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com