Electronic Components Datasheet Search
  English  ▼

X  

AD13465 Datasheet(PDF) 5 Page - Analog Devices

Part # AD13465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13465 Datasheet(HTML) 5 Page - Analog Devices

  AD13465 Datasheet HTML 1Page - Analog Devices AD13465 Datasheet HTML 2Page - Analog Devices AD13465 Datasheet HTML 3Page - Analog Devices AD13465 Datasheet HTML 4Page - Analog Devices AD13465 Datasheet HTML 5Page - Analog Devices AD13465 Datasheet HTML 6Page - Analog Devices AD13465 Datasheet HTML 7Page - Analog Devices AD13465 Datasheet HTML 8Page - Analog Devices AD13465 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD13465
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1, 35
SHIELD
Internal Ground Shield Between Channels.
2, 3, 9, 10, 13, 16
AGNDA
A Channel Analog Ground. A and B grounds should be connected as close to the
device as possible.
4
A–IN
Inverting Differential Input (Gain = 1).
5
A+IN
Noninverting Differential Input (Gain = 1).
6
AMP-OUT-A
Single-Ended Amplifier Output (Gain = 2).
7
AMP-IN-A-1
Analog Input for A Side ADC (Nominally
±0.5 V).
8
AMP-IN-A-2
Analog Input for A Side ADC (Nominally
±1.0 V).
11
AVEEA
A Channel Analog Negative Supply Voltage (Nominally –5.0 V or –5.2 V).
12
AVCCA
A Channel Analog Positive Supply Voltage (Nominally 5.0 V).
14
ENCA
Complement of Encode; Differential Input.
15
ENCA
Encode Input; Conversion Initiated on Rising Edge.
17
DVCCA
A Channel Digital Positive Supply Voltage (Nominally 5.0 V/3.3 V).
18–25, 28–33
D0A–D13A
Digital Outputs for ADC A. D0 (LSB).
26, 27
DGNDA
A Channel Digital Ground.
34
DROUTA
Data Ready A Output.
36
DROUTB
Data Ready B Output.
37–42, 45–52
D0B–D13B
Digital Outputs for ADC B. D0 (LSB).
43, 44
DGNDB
B Channel Digital Ground.
53
DVCCB
B Channel Digital Positive Supply Voltage (Nominally 5.0 V/3.3 V).
54, 57, 60, 61, 67, 68
AGNDB
B Channel Analog Ground.
55
ENCB
Encode Input; Conversion Initiated on Rising Edge.
56
ENCB
Complement of Encode; Differential Input.
58
AVCCB
B Channel Analog Positive Supply Voltage (Nominally 5.0 V).
59
AVEEB
B Channel Analog Negative Supply Voltage (Nominally –5.0 V or –5.2 V).
62
AMP-IN-B-2
Analog Input for B Side ADC (Nominally
±1.0 V).
63
AMP-IN-B-1
Analog Input for B Side ADC (Nominally
±0.5 V).
64
AMP-OUT-B
Single-Ended Amplifier Output (Gain = 2).
65
B+IN
Noninverting Differential Input (Gain = 1).
66
B–IN
Inverting Differential Input (Gain = 1).
PIN CONFIGURATION
10
11
12
13
14
15
16
17
18
19
20
22
23
24
25
26
21
27
43
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
961
8765
68 67 66 65 64 63 62
4321
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD13465
AGNDB
AGNDB
AGNDA
D0A(LSB)
D3A
D4A
D5A
D6A
D7A
AGNDB
ENCB
ENCB
DGNDA
D13B(MSB)
D12B
D11B
DGNDB
D10B
D9B
D8B
D7B
D6B
ENCA
ENCA
AGNDA
AGNDA
D1A
D2A
AVEEA
AVCCA
DVCCA
AVEEB
AVCCB
DVCCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com