Electronic Components Datasheet Search
  English  ▼

X  

AD13465 Datasheet(PDF) 6 Page - Analog Devices

Part # AD13465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13465 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD13465 Datasheet HTML 2Page - Analog Devices AD13465 Datasheet HTML 3Page - Analog Devices AD13465 Datasheet HTML 4Page - Analog Devices AD13465 Datasheet HTML 5Page - Analog Devices AD13465 Datasheet HTML 6Page - Analog Devices AD13465 Datasheet HTML 7Page - Analog Devices AD13465 Datasheet HTML 8Page - Analog Devices AD13465 Datasheet HTML 9Page - Analog Devices AD13465 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
AD13465
–6–
–Typical Performance Characteristics
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY – MHz
ENCODE = 65MSPS
AIN = 5MHz(–1dBFS)
SNR = 72.12dBFS
SFDR = 86.05dBc
TPC 1. Single Tone @ 5 MHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY – MHz
ENCODE = 65MSPS
AIN = 21MHz(–1dBFS)
SNR = 71.74dBFS
SFDR = 73.07dBc
TPC 2. Single Tone @ 21 MHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY – MHz
ENCODE = 65MSPS
AIN = 9.1MHz AND 10.1MHz(–1dBFS)
SFDR = 85.01dBc
TPC 3. Two-Tone @ 9.1 MHz/10.1 MHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY – MHz
ENCODE = 65MSPS
AIN = 9.9MHz(–1dBFS)
SNR = 72.09dBFS
SFDR = 84.04dBc
TPC 4. Single Tone @ 9.9 MHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY – MHz
ENCODE = 65MSPS
AIN = 32MHz(–1dBFS)
SNR = 70.8dBFS
SFDR = 62.57dBc
TPC 5. Single Tone @ 32 MHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY – MHz
ENCODE = 65MSPS
AIN = 19MHz AND
20.7MHz(–1dBFS)
SNR = 70.8dBFS
SFDR = 75.40dBc
TPC 6. Two-Tone @ 19 MHz/20.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com