Electronic Components Datasheet Search
  English  ▼

X  

AD1380 Datasheet(PDF) 6 Page - Analog Devices

Part # AD1380
Description  Low Cost 16-Bit Sampling ADC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1380 Datasheet(HTML) 6 Page - Analog Devices

  AD1380 Datasheet HTML 1Page - Analog Devices AD1380 Datasheet HTML 2Page - Analog Devices AD1380 Datasheet HTML 3Page - Analog Devices AD1380 Datasheet HTML 4Page - Analog Devices AD1380 Datasheet HTML 5Page - Analog Devices AD1380 Datasheet HTML 6Page - Analog Devices AD1380 Datasheet HTML 7Page - Analog Devices AD1380 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD1380
–6–
REV. B
Table II. Transition Values vs. Calibration Codes
Code Under Test
Low Side Transition Value
MSB
LSB
Range
10 V
5 V
2.5 V
0 V to +10 V
0 V to +5 V
000 . . . 000*
+ Full Scale
+10 V
+5 V
+2.5 V
+10 V
+5 V
–3/2 LSB
–3/2 LSB
–3/2 LSB
–3/2 LSB
–3/2 LSB
011 . . . 111
Mid Scale
0–1/2 LSB
0–1/2 LSB
0–1/2 LSB
+5 V–1/2 LSB
+2.5 V–1/2 LSB
111 . . . 110
–Full Scale
–10 V
–5 V
–2.5 V
0 V
0 V
+1/2 LSB
+1/2 LSB
+1/2 LSB
+1/2 LSB
+1/2 LSB
NOTE
For LSB value for range and resolution used, see Table III.
*Voltages given are the nominal value for transition to the code specified.
Table III. Input Voltage Range and LSB Values
Analog Input
Voltage Range
10 V
5 V
2.5 V
0 V to +10 V
0 V to +5 V
Code
COB*
COB*
COB*
Designation
or CTC**
or CTC**
or CTC**
CSB***
CSB***
One Least FSR
FSR
20 V
10 V
5 V
10 V
5 V
Significant
2
n
2
n
2
n
2
n
2
n
2
n
(Bit LSB)
n = 8
78.13 mV
39.06 mV
19.53 mV
39.06 mV
19.53 mV
n = 10
19.53 mV
9.77 mV
4.88 mV
9.77 mV
4.88 mV
n = 12
4.88 mV
2.44 mV
1.22 mV
2.44 mV
1.22 mV
n = 13
2.44 mV
1.22 mV
0.61 mV
1.22 mV
0.61 mV
n = 14
1.22 mV
0.61 mV
0.31 mV
0.61 mV
0.31 mV
n = 15
0.61 mV
0.31 mV
0.15 mV
0.31 mV
0.15 mV
NOTES
***COB = Complementary Offset Binary.
***CTC = Complementary Twos Complement—achieved by using an inverter to complement the most significant bit to produce (
MSB).
***CSB = Complementary Straight Binary.
CALIBRATION (14-Bit Resolution Examples)
External ZERO ADJ and GAIN ADJ potentiometers, connected
as shown in Figures 2 and 3, are used for device calibration. To
prevent interaction of these two adjustments, Zero is always
adjusted first and then Gain. Zero is adjusted with the analog
input near the most negative end of the analog range (0 for
unipolar and –FS for bipolar input ranges). Gain is adjusted
with the analog input near the most positive end of the analog
range.
0 to +10 V Range: Set analog input to +1 LSB14 = 0.00061 V.
Adjust Zero for digital output = 11111111111110. Zero is
now calibrated. Set analog input to +FSR – 2 LSB =
+9.99878 V. Adjust Gain for 00000000000001 digital output
code; full scale (Gain) is now calibrated. Half-scale calibra-
tion check: set analog input to +5.00000 V; digital output
code should be 01111111111111.
–10 V to +10 V Range: Set analog input to –9.99878 V; adjust
zero for 1111111111110 digital output (complementary offset
binary) code. Set analog input to 9.99756 V; adjust Gain for
00000000000001 digital output (complementary offset binary)
code. Half-scale calibration check: set analog input to
0.00000 V; digital output (complementary offset binary) code
should be 01111111111111.
Figure 9. Analog and Power Connections for Unipolar 0 V
to +10 V Input Range



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com