Electronic Components Datasheet Search
  English  ▼

X  

AD1380 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1380
Description  Low Cost 16-Bit Sampling ADC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1380 Datasheet(HTML) 1 Page - Analog Devices

  AD1380 Datasheet HTML 1Page - Analog Devices AD1380 Datasheet HTML 2Page - Analog Devices AD1380 Datasheet HTML 3Page - Analog Devices AD1380 Datasheet HTML 4Page - Analog Devices AD1380 Datasheet HTML 5Page - Analog Devices AD1380 Datasheet HTML 6Page - Analog Devices AD1380 Datasheet HTML 7Page - Analog Devices AD1380 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD1380
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
Low Cost
16-Bit Sampling ADC
FUNCTIONAL BLOCK DIAGRAM
PRODUCT DESCRIPTION
The AD1380 is a complete, low cost 16-bit analog-to-digital
converter, including internal reference, clock and sample/hold
amplifier. Internal thin-film-on-silicon scaling resistors allow
analog input ranges of
±2.5 V, ±5 V, ±10 V, 0 V to +5 V and
0 V to +10 V.
Important performance characteristics of the AD1380 include
maximum linearity error of
±0.003% of FSR (AD1380KD) and
maximum 16-bit conversion time of 14
µs. Transfer characteris-
tics of the AD1380 (gain, offset and linearity) are specified for
the combined ADC/SHA, so total performance is guaranteed as
a system. The AD1380 provides data in parallel and serial form
with corresponding clock and status outputs. All digital inputs
and outputs are TTL or 5 V CMOS compatible.
FEATURES
Complete Sampling 16-Bit ADC With Reference and
Clock
50 kHz Throughput
1/2 LSB Nonlinearity
Low Noise SHA: 300
V p-p
32-Pin Hermetic DIP
Parallel and Serial Outputs
Low Power: 900 mW
APPLICATIONS
Medical and Analytical Instrumentation
Signal Processing
Data Acquisition Systems
Professional Audio
Automatic Test Equipment (ATE)
Telecommunications


Similar Part No. - AD1380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1380 AD-AD1380_15 Datasheet
248Kb / 12P
Low Cost 16-Bit Sampling ADC
REV. D
More results

Similar Description - AD1380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1876 AD-AD1876 Datasheet
190Kb / 12P
16-Bit 100 kSPS Sampling ADC
AD676 AD-AD676 Datasheet
388Kb / 16P
16-Bit 100 kSPS Sampling ADC
logo
Linear Technology
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
16-Bit, 100ksps, Sampling ADC
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
logo
Analog Devices
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_15 Datasheet
391Kb / 16P
16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
16-Bit 100 kSPS Sampling ADC
REV. A
AD1380 AD-AD1380_15 Datasheet
248Kb / 12P
Low Cost 16-Bit Sampling ADC
REV. D
logo
Linear Technology
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
logo
Analog Devices
AD676 AD-AD676_17 Datasheet
421Kb / 17P
16-Bit 100 kSPS Sampling ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com