Electronic Components Datasheet Search
  English  ▼

X  

AD14160 Datasheet(PDF) 51 Page - Analog Devices

Part # AD14160
Description  Quad-SHARC DSP Multiprocessor Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14160 Datasheet(HTML) 51 Page - Analog Devices

Back Button AD14160 Datasheet HTML 44Page - Analog Devices AD14160 Datasheet HTML 45Page - Analog Devices AD14160 Datasheet HTML 46Page - Analog Devices AD14160 Datasheet HTML 47Page - Analog Devices AD14160 Datasheet HTML 48Page - Analog Devices AD14160 Datasheet HTML 49Page - Analog Devices AD14160 Datasheet HTML 50Page - Analog Devices AD14160 Datasheet HTML 51Page - Analog Devices AD14160 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
AD14160/AD14160L
–51–
REV. A
ORDERING GUIDE
Part Number
Case Temperature Range
Instruction Rate
Operating Voltage
AD14160BB-4*
–40
°C to +100°C
40 MHz
5 V
AD14160/AD14160LBB-4*
–40
°C to +100°C
40 MHz
3.3 V
AD14160KB-4
0
°C to +85°C
40 MHz
5 V
AD14160/AD14160LKB-4
0
°C to +85°C
40 MHz
3.3 V
NOTES
1. Part numbers marked with an * are shipping as x-grade (preproduction) material at the time of this printing.
2. These parts are packaged in a 452-lead Ceramic Ball Grid Array Package (CBGA).
3. Military and Industrial temperature SMD parts, in the same package are in development.
PACKAGE DIMENSIONS
Dimensions shown in inches and (mm).
452-Lead Ceramic Ball Grid Array (CBGA)
(QS-452)
BOTTOM VIEW
PIN A1
INDEX
SOLID COPPER BALL
SOLDER COATED
4 PLACES
0.060 (1.524)
0.040 (1.016)
0.060 (1.524)
0.040 (1.016)
1
36
34
33
32
31
35
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
2
4
3
0.024 (0.610)
TYP
0.170 (4.318)
MAX
0.200 (5.08)
MAX
0.110 (2.794)
0.090 (2.286)
0.033 (0.838)
TYP
0.055 (1.397)
0.045 (1.143)
PIN A1
0.015 (0.381) x 45
°
3 PLACES
0.030 (0.762) x 45
°
1 PLACE
1.862 (47.295)
1.838 (46.685)
SQ
TOP VIEW
1.795 (45.593)
1.785 (45.339)
SQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com