Electronic Components Datasheet Search
  English  ▼

X  

AD14160 Datasheet(PDF) 2 Page - Analog Devices

Part # AD14160
Description  Quad-SHARC DSP Multiprocessor Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14160 Datasheet(HTML) 2 Page - Analog Devices

  AD14160 Datasheet HTML 1Page - Analog Devices AD14160 Datasheet HTML 2Page - Analog Devices AD14160 Datasheet HTML 3Page - Analog Devices AD14160 Datasheet HTML 4Page - Analog Devices AD14160 Datasheet HTML 5Page - Analog Devices AD14160 Datasheet HTML 6Page - Analog Devices AD14160 Datasheet HTML 7Page - Analog Devices AD14160 Datasheet HTML 8Page - Analog Devices AD14160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
AD14160/AD14160L
–2–
REV. A
DETAILED DESCRIPTION
Architectural Features
ADSP-21060 Core
The AD14160/AD14160L is based on the powerful ADSP-21060
(SHARC) DSP chip. The ADSP-21060 SHARC combines a
high performance floating-point DSP core with integrated, on-
chip system features including a 4 Mbit SRAM memory, host
processor interface, DMA controller, serial ports, and both link
port and parallel bus connectivity for glueless DSP multiprocess-
ing, (see Figure 1). It is fabricated in a high speed, low power
CMOS process, and has a 25 ns instruction cycle time. The arith-
metic/ logic unit (ALU), multiplier and shifter all perform single-
cycle instructions, and the three units are arranged in parallel,
maximizing computational throughput.
The SHARC features an enhanced Harvard architecture in
which the data memory (DM) bus transfers data, and the pro-
gram memory (PM) bus transfers both instructions and data.
There is also an on-chip instruction cache which selectively
caches only those instructions whose fetches conflict with the
PM bus data accesses. This combines with the separate program
and data memory buses to enable three-bus operation for fetch-
ing an instruction and two operands, all in a single cycle. The
SHARC also contains a general purpose data register file, which
is a 10-port, 32-register (16 primary, 16 secondary) file. Each
SHARC’s core also implements two data address generators
(DAGs), implementing circular data buffers in hardware. The
DAGs contain sufficient registers to allow the creation of up to
32 circular buffers. The 48-bit instruction word accommodates a
variety of parallel operations, for concise programming. For ex-
ample, the ADSP-21060 can conditionally execute a multiply, an
add, a subtract, and a branch, all in a single instruction.
The SHARCs contain 4 Mbits of on-chip SRAM each, orga-
nized as two blocks of 2 Mbits, which can be configured for
different combinations of code and data storage. The memory
can be configured as a maximum of 128K words of 32-bit data,
256K words of 16-bit data, 80K words of 48-bit instructions (or
40-bit data), or combinations of different word sizes up to
4 megabits. A 16-bit floating-point storage format is supported
which effectively doubles the amount of data that may be stored
on chip. Conversion between the 32-bit floating point and 16-
bit floating point formats is done in a single instruction. Each
memory block is dual-ported for single-cycle, independent
accesses by the core processor and I/O processor or DMA con-
troller. The dual-ported memory and separate on-chip buses
allow two data transfers from the core and one from I/O, all in a
single cycle.
SERIAL PORTS
(2)
LINK PORTS
(6)
4
6
6
36
IOP
REGISTERS
(MEMORY MAPPED)
CONTROL,
STATUS, AND
DATA BUFFERS
I/O PROCESSOR
TIMER
INSTRUCTION
CACHE
32 x 48-BIT
ADDR
DATA
DATA
DATA
ADDR
ADDR
DATA
ADDR
TWO INDEPENDENT
DUAL-PORTED BLOCKS
PROCESSOR PORT
I/O PORT
JTAG
TEST AND
EMULATION
7
HOST PORT
ADDR BUS
MUX
IOA
17
IOD
48
MULTIPROCESSOR
INTERFACE
DUAL-PORTED SRAM
EXTERNAL
PORT
DATA BUS
MUX
48
32
24
PM ADDRESS BUS
DM ADDRESS BUS
PM DATA BUS
DM DATA BUS
BUS
CONNECT
(PX)
DATA
REGISTER
FILE
16 x 40-BIT
BARREL
SHIFTER
ALU
MULTIPLIER
DAG1
8 x 4 x 32
32
48
40/32
CORE PROCESSOR
DMA
CONTROLLER
PROGRAM
SEQUENCER
DAG2
8 x 4 x 24
Figure 1. ADSP-21060 Processor Block Diagram (Core of the AD14160/AD14160L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com