Electronic Components Datasheet Search
  English  ▼

X  

AD1845JST Datasheet(PDF) 27 Page - Analog Devices

Part # AD1845JST
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845JST Datasheet(HTML) 27 Page - Analog Devices

Back Button AD1845JST Datasheet HTML 23Page - Analog Devices AD1845JST Datasheet HTML 24Page - Analog Devices AD1845JST Datasheet HTML 25Page - Analog Devices AD1845JST Datasheet HTML 26Page - Analog Devices AD1845JST Datasheet HTML 27Page - Analog Devices AD1845JST Datasheet HTML 28Page - Analog Devices AD1845JST Datasheet HTML 29Page - Analog Devices AD1845JST Datasheet HTML 30Page - Analog Devices AD1845JST Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
AD1845
–27–
REV. C
Power-Down Control Register (IXA3:0 = 27)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
27
ADCPWD
DACPWD
MIXPWD
res
FREN
res
res
res
res
Reserved for future expansion. Always write zeros to these bits.
FREN
Frequency Select Register Enable. In MODE2, selecting this bit will turn on the Frequency Select Registers (see
indirect registers 22 and 23) and disable CFS2:0.
0
CFS Active.
1
Frequency Select Registers Active, CFS disabled.
MIXPWD
Mixer Power Down. The DAC and the output mixer are powered down, and the DAC sample clock is turned off.
DACPWD
DAC Power Down. The DAC is powered down and the DAC sample clock is turned off.
ADCPWD
ADC Power Down. The ADC is powered down and the ADC sample clock is turned off.
This register’s initial state after reset is “000x 0xxx.”
Capture Data Format Control Register (IXA3:0 = 28)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
28
CFMT1
CFMT0
CC/L
CS/M
res
res
res
res
NOTE: Changing CFMT[1:0], CC/L, CS/M, requires the Mode Change Enable (MCE) state or setting CEN = 0.
res
Reserved for future expansion. Always write zeros to these bits.
CS/M
Capture Stereo/Mono Select. Setting this bit determines how the captured audio data will be formatted. In the
Mono mode, valid information is captured on the “left” channel, and the “right” channel data is not valid.
0
Mono Format
1
Stereo Format
CC/L
Capture Companding/Linear Select. This bit is set to determine linear,
µ-Law or A-Law companding. See Figure
12 for CFMT[1:0] and CC/L bit settings that determine the audio data type capture format.
CFMT[1:0]
Capture Data Format. This bit is set to format the data being captured in MODE 2. See Figure 12 for CFMT
and CC/L bit settings that determine the capture audio data type format.
This register’s initial state after reset is “0000 xxxx.”
CFMT1
CFMT0
CC/L
Audio Data Type
0
0
0
Linear, 8-Bit Unsigned PCM
00
1
µ-Law, 8-Bit Companded
0
1
0
Linear, 16-Bit Twos Complement PCM Little Endian
0
1
1
A-Law, 8-Bit Companded
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Linear, 16-Bit Twos-Complement Big Endian
1
1
1
Reserved
Figure 12. Capture Audio Data Type
Crystal, Clock Select/Total Power-Down Register (IXA3:0 = 29)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
29
XFS2
XFS1
XFS0
res
res
res
res
TOTPWD
TOTPWD
Total Power Down. When TOTPWD = HI, the ADC, DAC, mixer, and voltage reference are powered down, and
the ADC and DAC sample clocks are turned off. Only the digital interface remains active to allow the host to exit
the AD1845 from the total power-down state.
res
Reserved for future expansion. Always write zeros to these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com