Electronic Components Datasheet Search
  English  ▼

X  

AD1845JST Datasheet(PDF) 28 Page - Analog Devices

Part # AD1845JST
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845JST Datasheet(HTML) 28 Page - Analog Devices

Back Button AD1845JST Datasheet HTML 24Page - Analog Devices AD1845JST Datasheet HTML 25Page - Analog Devices AD1845JST Datasheet HTML 26Page - Analog Devices AD1845JST Datasheet HTML 27Page - Analog Devices AD1845JST Datasheet HTML 28Page - Analog Devices AD1845JST Datasheet HTML 29Page - Analog Devices AD1845JST Datasheet HTML 30Page - Analog Devices AD1845JST Datasheet HTML 31Page - Analog Devices AD1845JST Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
AD1845
–28–
REV. C
XFS2:0
Crystal/Clock Input Frequency Select. On power up or reset, the AD1845 expects a 24.576 MHz input clock. If
the clock source connected to the AD1845 is different from the default condition, then the clock input must be
selected using this register. For a detailed explanation see the Power Up and Reset section of the data sheet. Figure
13 summarizes the valid input clock frequencies. Clock sources with excessive jitter may not yield optimal analog
performance.
This register’s initial state after reset is “000x xxx0.”
XFS2
XFS1
XFS0
Input Frequency
0
0
0
24.576
MHz
0
0
1
14.31818 MHz
0
1
0
24.000
MHz
0
1
1
25.000
MHz
1
0
0
33.000
MHz
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
Figure 13. Input Frequency Selection
Capture Upper Base Count Register (IXA3:0 = 30)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
30
CUB7
CUB6
CUB5
CUB4
CUB3
CUB2
CUB1
CUB0
CUB7:0
Capture Upper Base Count. This byte is the upper byte of the base count register containing the eight most sig-
nificant bits of the second 16-bit base register. Reads from this register return the same value that was written.
The current count contained in the counters cannot be read.
This register’s initial state after reset is “0000 0000.”
Capture Lower Base Count Register (IXA3:0 = 31)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
31
CLB7
CLB6
CLB5
CLB4
CLB3
CLB2
CLB1
CLB0
CLB7:0
Capture Lower Base Count. This byte is the lower byte of the base count register containing the eight least signifi-
cant bits of the second 16-bit base register. Reads from this register return the same value that was written. The
current count contained in the counters cannot be read.
This register’s initial state after reset is “0000 0000.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com