Electronic Components Datasheet Search
  English  ▼

X  

AD1847JST Datasheet(PDF) 3 Page - Analog Devices

Part # AD1847JST
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847JST Datasheet(HTML) 3 Page - Analog Devices

  AD1847JST Datasheet HTML 1Page - Analog Devices AD1847JST Datasheet HTML 2Page - Analog Devices AD1847JST Datasheet HTML 3Page - Analog Devices AD1847JST Datasheet HTML 4Page - Analog Devices AD1847JST Datasheet HTML 5Page - Analog Devices AD1847JST Datasheet HTML 6Page - Analog Devices AD1847JST Datasheet HTML 7Page - Analog Devices AD1847JST Datasheet HTML 8Page - Analog Devices AD1847JST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ANALOG-TO-DIGITAL CONVERTERS
Min
Typ
Max
Units
Resolution
16
Bits
Dynamic Range (–60 dB Input, THD+N Referenced to Full Scale, A-Weighted)
70
dB
THD+N (Referenced to Full Scale)
0.040
%
–68
dB
Signal-to-Intermodulation Distortion†
83
dB
ADC Crosstalk†
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–80
dB
Line1 to Line2 (Input Line1, Ground and Select Line2, Read Both Channels)
–80
dB
Line to AUX1
–80
dB
Line to AUX2
–80
dB
Line to DAC
–80
dB
Gain Error (Full-Scale Span Relative to VREFI)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.2
dB
DC Offset
±55
LSB
DIGITAL-TO-ANALOG CONVERTERS
Min
Typ
Max
Units
Resolution
16
Bits
Dynamic Range (–60 dB Input, THD+N Referenced to Full Scale, A-Weighted)
76
dB
THD+N (Referenced to Full Scale)
0.025
%
–72
dB
Signal-to-Intermodulation Distortion†
86
dB
Gain Error (Full-Scale Span Relative to VREFI)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.2
dB
DAC Crosstalk† (Input L, Zero R, Measure R_OUT; Input R, Zero L, Measure L_OUT)
–80
dB
Total Out-of-Band Energy† (Measured from 0.6
FS to 100 kHz)
–50
dB
Audible Out-of-Band Energy (Measured from 0.6
FS to 22 kHz, Tested at FS = 5.5 kHz)
–55
dB
DAC ATTENUATOR
Min
Typ
Max
Units
Step Size (0 dB to –22.5 dB) (Tested at Steps 0 dB, –19.5)
1.3
1.5
1.7
dB
Step Size (–24 dB to –94 dB)
1.0
1.5
2.0
dB
Output Attenuation Range Span†
–93
95
dB
DIGITAL MIX ATTENUATOR
Min
Typ
Max
Units
Step Size (0 dB to –22.5 dB) (Tested at Steps 0 dB, –19.5)
1.3
1.5
1.7
dB
Step Size (–24 dB to –94 dB)
1.0
1.5
2.0
dB
Output Attenuation Range Span†
–93.5
95.5
dB
ANALOG OUTPUT
Min
Typ
Max
Units
Full-Scale Line Output Voltage
0.707
V rms
VREFI = 2.35*
1.80
2
2.20
V p-p
Line Output Impedance†
600
Ω
External Load Impedance
10
k
Ω
Output Capacitance†
15
pF
External Load Capacitance
100
pF
VREF (Clock Running)
2.00
2.50
V
VREF Current Drive
100
µA
VREFI
2.35
V
Mute Attenuation of 0 dB
–80
dB
Fundamental† (LOUT)
Mute Click†
8mV
(|Muted Output Minus Unmuted
Midscale DAC Output|)
*Full-scale line output voltage scales with VREF (e.g., VOUT (typ) – 2.0 V
(VREF/2.35)).
†Guaranteed, Not Tested.
REV. B
–3–
AD1847



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com