Electronic Components Datasheet Search
  English  ▼

X  

AD1848KP Datasheet(PDF) 13 Page - Analog Devices

Part # AD1848KP
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1848KP Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1848KP Datasheet HTML 9Page - Analog Devices AD1848KP Datasheet HTML 10Page - Analog Devices AD1848KP Datasheet HTML 11Page - Analog Devices AD1848KP Datasheet HTML 12Page - Analog Devices AD1848KP Datasheet HTML 13Page - Analog Devices AD1848KP Datasheet HTML 14Page - Analog Devices AD1848KP Datasheet HTML 15Page - Analog Devices AD1848KP Datasheet HTML 16Page - Analog Devices AD1848KP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD1848K
REV. 0
–13–
Status Register (ADR1:0 = 2)
ADR1:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
2
CU/L
CL/R
CRDY
SOUR
PU/L
PL/R
PRDY
INT
INT
Interrupt Status. This sticky bit (the only one) indicates the status of the interrupt logic of the AD1848K. This bit is
cleared by any host write of any value to this register. The IEN bit of the Pin Control Register determines whether the
state of this bit is reflected on the INT pin of the AD1848K. The only interrupt condition supported by the AD1848K is
generated by the underflow of the DMA Current Count Register.
0
Interrupt pin inactive
1
Interrupt pin active
PRDY
Playback Data Register Ready. The PIO Playback Data Register is ready for more data. This bit should only be used
when direct programmed I/O data transfers are desired. This bit is read only.
0
DAC data is still valid. Do not overwrite.
1
DAC data is stale. Ready for next host data write value.
PL/R
Playback Left/Right Sample. This bit indicates whether the PIO playback data needed is for the right channel DAC or
left channel DAC. This bit is read only.
0
Right channel needed
1
Left channel or mono
PU/L
Playback Upper/Lower Byte. This bit indicates whether the PIO playback data needed is for the upper or lower byte of
the channel. This bit is read only.
0
Lower byte needed
1
Upper byte needed or any 8-bit mode
SOUR
Sample Over/Underrun. This bit indicates that the most recent sample was not serviced in time and therefore either a
capture overrun (COR) or playback underrun (PUR) has occurred. The bit indicates an overrun for ADC capture and
an underrun for DAC playback. If both capture and playback are enabled, the source which set this bit can be deter-
mined by reading COR and PUR. This bit changes on a sample-by-sample basis. This bit is read only.
CRDY
Capture Data Ready. The PIO Capture Data Register contains data ready for reading by the host. This bit should only
be used when direct programmed I/O data transfers are desired. This bit is read only.
0
ADC data is stale. Do not reread the information.
1
ADC data is fresh. Ready for next host data read.
CL/R
Capture Left/Right Sample. This bit indicates whether the PIO capture data waiting is for the right channel ADC or left
channel ADC. This bit is read only.
0
Right channel
1
Left channel or mono
CU/L
Capture Upper/Lower Byte. This bit indicates whether the PIO capture data ready is for the upper or lower byte of the
channel. This bit is read only.
0
Lower byte ready
1
Upper byte ready or any 8-bit mode
The PRDY, CRDY, and INT bits of this status register can change asynchronously to host accesses. The host may access this regis-
ter while the bits are transitioning. The host read may return a zero value just as these bits are changing, for example. A one value
would not be read until the next host access.
This registers’s initial state after reset is “1100 1100.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com