Electronic Components Datasheet Search
  English  ▼

X  

AD1848KP Datasheet(PDF) 28 Page - Analog Devices

Part # AD1848KP
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1848KP Datasheet(HTML) 28 Page - Analog Devices

Back Button AD1848KP Datasheet HTML 20Page - Analog Devices AD1848KP Datasheet HTML 21Page - Analog Devices AD1848KP Datasheet HTML 22Page - Analog Devices AD1848KP Datasheet HTML 23Page - Analog Devices AD1848KP Datasheet HTML 24Page - Analog Devices AD1848KP Datasheet HTML 25Page - Analog Devices AD1848KP Datasheet HTML 26Page - Analog Devices AD1848KP Datasheet HTML 27Page - Analog Devices AD1848KP Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD1848K
REV. 0
–28–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
P-68A
68-Lead Plastic Leaded Chip Carrier
0.029 (0.74)
0.027 (0.69)
0.019 (0.48)
0.017 (0.43)
0.175 (4.45)
0.169 (4.29)
0.925 (23.50)
0.895 (22.73)
0.104 (2.64) TYP
0.050
(1.27)
TYP
0.954 (24.23)
0.950 (24.13)
SQ
0.995 (25.27)
0.885 (22.48)
SQ
44
43
26
10
9
60
61
27
TOP VIEW
PIN 1
IDENTIFIER
ST-64
64-Lead Thin Quad Flatpack
0.031 (0.80)
0.014 (0.35)
49
1
64
48
33
32
17
16
TOP VIEW
SQ
0.551
± 0.004
(14.00
± 0.10)
SQ
0.630
± 0.009
(16.00
± 0.25)
12
°
TYP
0.055
± 0.002
(1.40
± 0.05)
0.063 (1.60) MAX
0.024
±
0.006
(0.60
± 0.15)
6
° ± 4°
0.007 (0.17) MAX
0.004 (0.102)
MAX
LEAD
COPLANARITY
0
° – 7°
SEATING
PLANE
INDEX
PAGE
PRODUCT OVERVIEW . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
ELECTRICAL SPECIFICATIONS . . . . . . . . . . . . . . . . . . . 2
ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
PINOUTS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
PIN DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
AUDIO FUNCTIONAL DESCRIPTION . . . . . . . . . . . . . . 9
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Analog Mixing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Analog-to-Digital Datapath . . . . . . . . . . . . . . . . . . . . . . . . 9
Digital-to-Analog Datapath . . . . . . . . . . . . . . . . . . . . . . . . 9
Digital Mixing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Analog Outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Digital Data Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Power Supplies and Voltage Reference . . . . . . . . . . . . . . . 10
Clocks and Sample Rates . . . . . . . . . . . . . . . . . . . . . . . . . 10
CONTROL REGISTERS . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Control Register Architecture . . . . . . . . . . . . . . . . . . . . . . 11
Direct Control Register Definitions . . . . . . . . . . . . . . . . . 12
Indirect Control Register Definitions . . . . . . . . . . . . . . . . 14
DATA AND CONTROL TRANSFERS . . . . . . . . . . . . . . . 21
Data Ordering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Control and Programmed I/O (PIO) Transfers . . . . . . . . 21
Direct Memory Access (DMA) Transfers . . . . . . . . . . . . . 22
Single-Channel DMA . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
DMA Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
DMA Interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
POWER UP AND RESET . . . . . . . . . . . . . . . . . . . . . . . . . 24
AUTOCALIBRATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
CHANGING SAMPLE RATES . . . . . . . . . . . . . . . . . . . . . 24
APPLICATIONS CIRCUITS . . . . . . . . . . . . . . . . . . . . . . . 25
FREQUENCY RESPONSE PLOTS . . . . . . . . . . . . . . . . . 27
PACKAGES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com