Electronic Components Datasheet Search
  English  ▼

X  

AD1848KST Datasheet(PDF) 12 Page - Analog Devices

Part # AD1848KST
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1848KST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1848KST Datasheet HTML 8Page - Analog Devices AD1848KST Datasheet HTML 9Page - Analog Devices AD1848KST Datasheet HTML 10Page - Analog Devices AD1848KST Datasheet HTML 11Page - Analog Devices AD1848KST Datasheet HTML 12Page - Analog Devices AD1848KST Datasheet HTML 13Page - Analog Devices AD1848KST Datasheet HTML 14Page - Analog Devices AD1848KST Datasheet HTML 15Page - Analog Devices AD1848KST Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD1848K
REV. 0
–12–
Direct Control Register Definitions
Index Register (ADR1:0 = 0)
ADR1:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
0
INIT
MCE
TRD
res
IXA3
IXA2
IXA1
IXA0
IXA3:0
Index Address. These bits define the address of the AD1848K register accessed by the Indexed Data Register. These bits
are read/write.
res
Reserved for future expansion. Always write a zero to this bit.
TRD
Transfer Request Disable. This bit, when set, causes all data transfers to cease when the Interrupt Status (INT) bit of
the Status Register is set.
0
Transfers Enabled During Interrupt. PDRQ and CDRQ pin outputs are generated uninhibited by interrupts.
DMA Current Counter Register decrements with every sample period when either PEN or CEN are enabled.
1
Transfers Disabled By Interrupt. PDRQ and CDRQ pin outputs are generated only if INT bit is 0 (when either
PEN or CEN, respectively, are enabled). Any pending playback or capture requests are allowed to complete at the
time when TRD is set. After pending requests complete, midscale inputs will be internally generated for the
DACs, and the ADC output buffer will contain the last valid output. Clearing the sticky INT bit (or the TRD bit)
will cause the resumption of playback and/or capture requests (presuming PEN and/or CEN are enabled). The
DMA Current Counter Register will not decrement while both the TRD bit is set and the INT bit is a one.
MCE
Mode Change Enable. This bit must be set whenever the current functional mode of the AD1848K is changed. Specifi-
cally, the Clock and Data Format and Interface Configuration registers cannot be changed unless this bit is set. The
exceptions are CEN and PEN in the Interface Configuration which can be changed “on-the-fly.” MCE should be
cleared at the completion of the desired register changes. The DAC outputs are automatically muted when the MCE bit
is set. After MCE is cleared, the DAC outputs will be restored to the state specified by the LDM and RDM mute bits.
Both ADCs and DACs are automatically muted for approximately 128 sample cycles after exiting the MCE state to al-
low the reference and all filters to settle. The ADCs will produce midscale values; the DACs’ analog output will be
muted. All converters are internally operating during these
≈128 sample cycles, and the AD1848K will expect playback
data and will generate (midscale capture data. Note that the autocalibrate-in-process (ACI) bit will be set on exit from
the MCE state regardless of whether or not ACAL was set. ACI will remain HI for these
≈128 sample cycles; system
software should poll this bit rather than count cycles.
Special sequences must be followed if autocalibrate (ACAL) is set or sample rates are changed (CFS2:0 and or CSS)
during mode change enable. See the “Autocalibration” and “Changing Sample Rates” sections below.
INIT
AD1848K Initialization. This bit is set when the AD1848K is in a state which cannot respond to parallel bus cycles. This
bit is read only.
Immediately after reset and once the AD1848K has left the INIT state, the initial value of this register will be “0100 0000 (40h).”
During AD1848K initialization, this register cannot be written and is always read “1000 0000 (80h).”
Indexed Data Register (ADR1:0 = 1)
ADR1:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
1
IXD7
IXD6
IXD5
IXD4
IXD3
IXD2
IXD1
IXD0
IXD7:0
Indexed Register Data. These bits contain the contents of the AD1848K register referenced by the Indexed
Data Register.
During AD1848K initialization. this register cannot be written and is always read as “1000 0000 (80h).”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com