Electronic Components Datasheet Search
  English  ▼

X  

AD1848KST Datasheet(PDF) 27 Page - Analog Devices

Part # AD1848KST
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1848KST Datasheet(HTML) 27 Page - Analog Devices

Back Button AD1848KST Datasheet HTML 20Page - Analog Devices AD1848KST Datasheet HTML 21Page - Analog Devices AD1848KST Datasheet HTML 22Page - Analog Devices AD1848KST Datasheet HTML 23Page - Analog Devices AD1848KST Datasheet HTML 24Page - Analog Devices AD1848KST Datasheet HTML 25Page - Analog Devices AD1848KST Datasheet HTML 26Page - Analog Devices AD1848KST Datasheet HTML 27Page - Analog Devices AD1848KST Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD1848K
REV. 0
–27–
FREQUENCY RESPONSE PLOTS
10
–120
1.0
–90
–110
0.1
–100
0.0
–60
–80
–70
–50
–30
–20
0
–10
–40
0.8
0.9
0.7
0.6
0.5
0.4
0.3
0.2
dB
SAMPLE FREQUENCY (F
S )
Figure 26. AD1848K Analog-to-Digital Frequency
Response (Full-Scale Line-Level Inputs, 0 dB Gain)
10
–120
0.60
–90
–110
0.42
–100
0.40
–60
–80
–70
–50
–30
–20
0
–10
–40
0.56
0.58
0.54
0.52
0.50
0.48
0.46
0.44
dB
SAMPLE FREQUENCY (F
S )
Figure 27. AD1848K Analog-to-Digital Frequency
Response—Transition Band (Full-Scale Line-Level
Inputs, 0 dB Gain)
10
–120
1.0
–90
–110
0.1
–100
0.0
–60
–80
–70
–50
–30
–20
0
–10
–40
0.8
0.9
0.7
0.6
0.5
0.4
0.3
0.2
dB
SAMPLE FREQUENCY (F
S )
Figure 28. AD1848K Digital-to-Analog Frequency
Response (Full-Scale Inputs, 0 dB Attenuation)
10
–120
0.60
–90
–110
0.42
–100
0.40
–60
–80
–70
–50
–30
–20
0
–10
–40
0.56
0.58
0.54
0.52
0.50
0.48
0.46
0.44
dB
SAMPLE FREQUENCY (F
S )
Figure 29. AD1848K Digital-to-Analog Frequency
Response—Transition Band (Full-Scale Inputs, 0 dB
Attenuation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com