Electronic Components Datasheet Search
  English  ▼

X  

AD1853 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1853
Description  Stereo, 24-Bit, 192 kHz, Multibit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1853 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1853 Datasheet HTML 8Page - Analog Devices AD1853 Datasheet HTML 9Page - Analog Devices AD1853 Datasheet HTML 10Page - Analog Devices AD1853 Datasheet HTML 11Page - Analog Devices AD1853 Datasheet HTML 12Page - Analog Devices AD1853 Datasheet HTML 13Page - Analog Devices AD1853 Datasheet HTML 14Page - Analog Devices AD1853 Datasheet HTML 15Page - Analog Devices AD1853 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. A
AD1853
–12–
FREQUENCY – Hz
10
–12
100
1k
10k
–10
–8
–6
–4
–2
0
2
Figure 17. Normal De-Emphasis Frequency Response
Input @ –10 dBFS, SR 48 kHz
FREQUENCY – kHz
–90
–110
–130
–150
–70
–50
–30
–10
0
2468
10
12
14
16
18
20
22
Figure 18. SMPTE/DIN 4:1 IMD 60 Hz/7 kHz @ 0 dBFS
dBFS
–80
–100
–120
–140
–60
–40
–20
0
–140
–120
–100
–60
–40
–20
0
–80
Figure 19. Linearity vs. Amplitude Input 200 Hz,
SR 48 kHz, 24-Bit Word
FREQUENCY – kHz
–130
–140
–150
–120
–110
–100
–90
0
2
4
6
8
10
12
14
16
18
20
22
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 21. Input 0 dBFS @ 1 kHz, BW 10 Hz to 22 kHz,
SR 48 kHz, THD+N 104 dBFS
FREQUENCY – kHz
–130
–140
–150
–120
–110
–100
–90
0
2468
10
12
14
16
18
20
22
–80
–70
–60
–50
–160
Figure 22. Dynamic Range for 1 kHz @ –60 dBFS,
116 dB, Triangular Dithered Input
FREQUENCY – kHz
–130
–140
–150
–160
–120
–110
–100
–90
0
2468
10
12
14
16
18
20
22
Figure 20. Noise Floor for Zero Input, SR 48 kHz,
SNR –117 dBFS A-Weighted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com