Electronic Components Datasheet Search
  English  ▼

X  

AD1853 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1853
Description  Stereo, 24-Bit, 192 kHz, Multibit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1853 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1853 Datasheet HTML 8Page - Analog Devices AD1853 Datasheet HTML 9Page - Analog Devices AD1853 Datasheet HTML 10Page - Analog Devices AD1853 Datasheet HTML 11Page - Analog Devices AD1853 Datasheet HTML 12Page - Analog Devices AD1853 Datasheet HTML 13Page - Analog Devices AD1853 Datasheet HTML 14Page - Analog Devices AD1853 Datasheet HTML 15Page - Analog Devices AD1853 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. A
AD1853
–14–
STEREO MODE OUTPUT FILTER
HDR3 FN
12
44/48
0
0
96
1
0
192
0
1
NO
1
1
C37
47pF
C11
100nF
DVDD
C24
47nF
R4
1k
DVDD AVDD
OUTR+
OUTR–
OUTL+
OUTL–
FILTB
DGND
AGND
FCR
U5
AD1853JRS
C26
10 F
C56
100nF
SIGNAL
SOURCE
J1
R3
750
R1
75
R8
10k
R7
10k
R9
10k
C9
100nF
DVDD
C8
100nF
AVDD
DVDD
DS1
ZERO
LEFT
C10
100nF
FB3
600Z
NOTE:
= DGND
= AGND
INT4
INT2
SDATA
L/RCLK
BCLK
MCLK
IDPM0
IDPM1
DEEMP
MUTE
CLATCH
CCLK
CDATA
ZEROR
ZEROL
RST
FILTR
IREF
CLATCH
CCLK
CDATA
ZR
ZL
RST
+
–
R28
2.67k
AGND
DGND
SAMPLE RATE
MODE
R5
10k
R6
10k
DVDD
R19
10k
CLK/I0
I1
I2
I3
I4
I5
I6
I7
I8
I9
I10
I11
I /O9
I/O8
I /O7
I /O6
I /O5
I /O4
I /O3
I /O2
I/O1
I/O 0
U4
PALCE22V10-J
MCLK
EXT MCLK
EXT SCLK
EXT L/RCLK
EXT SDATA
HDR3
R18
10k
3
8
IDPM1
DVDD
R17
10k
2
9
IDPM0
DVDD
S2B
S2C
VREF
R23
274
Q1
2N2222
DS4
DVDD
VERF
PREEMPH
1
2
3
DVDD
U3A
74HC00D
C5
100nF
DVDD
C6
100nF
SDATA
FSYNC
SCK
MCK
M0
M1
M2
M3
C
U
CBL
VERF
ERF
C0/E0
Ca/E1
Cb/E2
Cc/F0
Cd/F1
Ce/F2
SEL
CSI2/FCK
DGND
AGND
VA+
VD+
FB2
600Z
R24
100
R12
10k
C35
47pF
R25
100
R13
10k
C36
47pF
R26
100
R14
10k
C34
47pF
R27
100
R15
10k
EXT SDATA
EXT L/RCLK
EXT SCLK
EXT MCLK
DVDD
R11
10k
1
10
DVDD
S2A
SPDIF/EXT
SPDIF/EXT
I/F
SELECT
ROUT+
ROUT–
LOUT+
LOUT–
VREF
+2.7V
HDR2
EXT I/F
IN
FS
64FS
256FS
U2
CS8414-CS
12
13
11
U3D
74HC00D
SET Ib = 1mA
DS2
ZERO
RIGHT
R21
274
9
10
8
U3C
74HC00D
DS3
DEEMPH
R22
274
4
5
6
U3B
74HC00D
DVDD
R20
274
DVDD
C12
100nF
ZR
ZL
FILT
C1
10nF
S1
C2
10nF
RXP
RXN
1
0
SPNIF
IN
DGND
SHLD
DGND
U1
TORX173
OUT
DVDD
TOSLINK
IN
C4
100nF
R2
3.40k
500mVp-p
FB1
600Z
DVDD
R10
10k
MUTE
R16
10k
4
7
DEEMPH
DVDD
S2D
ON
OFF
DEEMPH
5
6
MUTE
S2E
OFF
ON
CDATA
CCLK
CLATCH
MCLK
DVDD
HDR1
EXT
C
I/F
1
2
3
4
5
10
U2 DATA SOURCE
I2S SERIAL
DATA MODE
DEEMPH OFF
MUTE OFF
S2A
S2B
S2C
S2D
S2E
#98107-02-3 REV. 1.1
1
1
Figure 28. Digital Receiver, MUX and AD1853 DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com