Electronic Components Datasheet Search
  English  ▼

X  

AD1857 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1857
Description  Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1857 Datasheet(HTML) 1 Page - Analog Devices

  AD1857 Datasheet HTML 1Page - Analog Devices AD1857 Datasheet HTML 2Page - Analog Devices AD1857 Datasheet HTML 3Page - Analog Devices AD1857 Datasheet HTML 4Page - Analog Devices AD1857 Datasheet HTML 5Page - Analog Devices AD1857 Datasheet HTML 6Page - Analog Devices AD1857 Datasheet HTML 7Page - Analog Devices AD1857 Datasheet HTML 8Page - Analog Devices AD1857 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD1857/AD1858
Stereo, Single Supply
16-, 18- and 20-Bit Sigma-Delta DACs
FUNCTIONAL BLOCK DIAGRAM
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
PRODUCT OVERVIEW
The AD1857/AD1858 are complete single-chip stereo digital
audio playback components. They each comprise an advanced
digital interpolation filter, a revolutionary “linearity-compensated”
multibit sigma-delta (
∑∆) modulator with dither, a jitter-tolerant
DAC, switched capacitor and continuous time analog filters and
analog output drive circuitry. Other features include digital
de-emphasis processing and mute. The AD1857/AD1858
support continuously variable sample rates with essentially
linear phase response, and support 50/15
µs digital de-emphasis
intended for “Redbook” 44.1 kHz sample frequency playback
from Compact Discs. The user must provide a master clock that
is synchronous with the left/right clock at 256 or 384 times the
intended sample frequency.
The AD1857/AD1858 have a simple but very flexible serial data
input port that allows for glueless interconnection to a variety of
ADCs, DSP chips, AES/EBU receivers and sample rate con-
verters. The AD1857 serial data input port can be configured
in either 16-bit, 18-bit or 20-bit left-justified or I2S-justified
modes. The AD1858 serial data input port can be configured in
either 16-bit right-justified or DSP serial port compatible modes.
The AD1857/AD1858 accept serial audio data in MSB first,
twos-complement format. A power-down mode is offered to
minimize power consumption when the device is inactive. The
AD1857/AD1858 operate from a single +5 V power supply.
They are fabricated on a single monolithic integrated circuit and
housed in 20-pin SSOP packages for operation over the
temperature range 0
°C to +70°C.
FEATURES
Low Cost, High Performance Stereo DACs
128 Times Oversampling Interpolation Filter
Multibit
Modulator with Triangular PDF Dither
Discrete Time and Continuous Time Analog
Reconstruction Filters
Extremely Low Out-of-Band Energy
Buffered Outputs with 2 k
Output Load Drive
94 dB Dynamic Range, –90 dB THD+N Performance
Digital De-emphasis and Mute
0.1 C Maximum Phase Linearity Deviation
Continuously Variable Sample Rate Support
Power-Down Mode
16-, 18- and 20-Bit I2S-Justified, Left-Justified Modes
Offered on AD1857
Accepts 24-Bit Word
16-Bit Right-Justified and DSP Serial Port Modes
Offered on AD1858
Single +5 V Supply
20-Pin SSOP Package
APPLICATIONS
Digital Cable TV and Direct Broadcast Satellite Set-Top
Decoder Boxes
Video Laser Disk, Video CD and CD-I Players
High Definition Televisions, Digital Audio Broadcast
Receivers
CD, CD-R, DAT, DCC and MD Players
Digital Audio Workstations, Computer Multimedia
Products
MUTE
MUTE
MULTIBIT
Σ∆ MODULATOR
AD1857/AD1858
ANALOG
SUPPLY
DIGITAL
SUPPLY
16-/18-/20-BIT
DIGITAL
DATA INPUT
ANALOG
OUTPUTS
MUTE
CLOCK
MODE
CLOCK
IN
SERIAL
MODE
COMMON
MODE
2
4
3
DE-EMPHASIS
POWER-DOWN/RESET
128x
INTERPOLATION
FILTER
SERIAL DATA
INTERFACE
MULTIBIT
Σ∆ MODULATOR
128x
INTERPOLATION
FILTER
VOLTAGE
REFERENCE
ANALOG
FILTER
CLOCK
CIRCUIT
OUTPUT
BUFFER
ANALOG
FILTER
OUTPUT
BUFFER
DAC
DAC


Similar Part No. - AD1857

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1857JRS AD-AD1857JRS Datasheet
177Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857JRSRL AD-AD1857JRSRL Datasheet
177Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857JRSZ AD-AD1857JRSZ Datasheet
177Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857_15 Datasheet
266Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
More results

Similar Description - AD1857

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Jul-2003
logo
Texas Instruments
TLC320AD75C TI-TLC320AD75C Datasheet
211Kb / 43P
20-Bit Sigma-Delta Stereo ADA Circuit
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Feb-2006
logo
Texas Instruments
TLC320AD75 TI1-TLC320AD75 Datasheet
224Kb / 43P
20-Bit Sigma-Delta Stereo ADA Circuit
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
Delta/sigma cascade 20 bit stereo DAC
06-Feb-2009
logo
Analog Devices
AD1857JRSZ AD-AD1857JRSZ Datasheet
177Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857_15 Datasheet
266Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1858 AD-AD1858_15 Datasheet
266Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
Dual 16-Bit Stereo Audio Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com