Electronic Components Datasheet Search
  English  ▼

X  

AD1857 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1857
Description  Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1857 Datasheet(HTML) 2 Page - Analog Devices

  AD1857 Datasheet HTML 1Page - Analog Devices AD1857 Datasheet HTML 2Page - Analog Devices AD1857 Datasheet HTML 3Page - Analog Devices AD1857 Datasheet HTML 4Page - Analog Devices AD1857 Datasheet HTML 5Page - Analog Devices AD1857 Datasheet HTML 6Page - Analog Devices AD1857 Datasheet HTML 7Page - Analog Devices AD1857 Datasheet HTML 8Page - Analog Devices AD1857 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltages (AVDD, DVDD)
+5.0 V
Ambient Temperature
25
°C
Input Clock (FMCLK)
11.2896 MHz (256
× F
S Mode)
Input Signal
1.0013 kHz
–0.5 dB Full Scale
Input Sample Rate
44.1 kHz
Measurement Bandwidth
20 Hz to 20 kHz
AD1857 Input Data Wordwidth
18 Bits
AD1858 Input Data Wordwidth
16 Bits
Load Capacitance
100 pF
Load Impedance
47 k
Ω
Input Voltage HI (VIH)
2.4 V
Input Voltage LO (VIL)
0.8 V
I
2S-Justified Mode (Ref. Figure 7) for AD1857, Right-Justified Mode (Ref. Figure 8) for AD1858.
Performance of the right and left channels are identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
Values in bold typeface are tested, all others are guaranteed, not tested.
ANALOG PERFORMANCE
Min
Typ
Max
Units
AD1857 Resolution
18
Bits
AD1858 Resolution
16
Bits
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No A-Weight Filter
91
dB
With A-Weight Filter
94
dB
Total Harmonic Distortion + Noise
–90
–85
dB
0.003
0.006
%
Analog Outputs
Single-Ended Output Range (
± Full Scale)
2.8
3.0
3.2
V p-p
Output Impedance at Each Output Pin
<200
Ω
Output Capacitance at Each Output Pin
20
pF
Out-of-Band Energy (0.5
× F
S to 100 kHz)
–72.5
dB
CMOUT
2.1
2.25
2.4
V
DC Accuracy
Gain Error
±3.0
7.5
%
Interchannel Gain Mismatch
0.01
0.2
dB
Gain Drift
150
300
ppm/
°C
Interchannel Crosstalk (EIAJ method)
–120
–100
dB
Interchannel Phase Deviation
±0.1
Degrees
Mute Attenuation
–100
–90
dB
De-emphasis Gain Error
±0.1
dB
DIGITAL I/O
Min
Max
Units
Input Voltage HI (VIH)
2.4
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH @ VIH = 2.4 V)
10
µA
Input Leakage (IIL @ VIL = 0.8 V)
10
µA
Input Capacitance
20
pF
REV. 0
–2–
AD1857/AD1858–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com