Electronic Components Datasheet Search
  English  ▼

X  

AD1866 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1866
Description  Single Supply Dual 16-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1866 Datasheet(HTML) 2 Page - Analog Devices

  AD1866 Datasheet HTML 1Page - Analog Devices AD1866 Datasheet HTML 2Page - Analog Devices AD1866 Datasheet HTML 3Page - Analog Devices AD1866 Datasheet HTML 4Page - Analog Devices AD1866 Datasheet HTML 5Page - Analog Devices AD1866 Datasheet HTML 6Page - Analog Devices AD1866 Datasheet HTML 7Page - Analog Devices AD1866 Datasheet HTML 8Page - Analog Devices AD1866 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
AD1866–SPECIFICATIONS (T
A = +25 C and +5 V supplies unless otherwise noted)
Min
Typ
Max
Unit
RESOLUTION
16
Bits
DIGITAL INPUTS
VIH
2.4
V
VIL
0.8
V
IIH, VIH = VL
1.0
µA
IIL, VIL = DGND
–10.0
µA
Maximum Clock Input Frequency
13.5
MHz
ACCURACY
Gain Error
±3
% of FSR
Gain Matching
±3
% of FSR
Midscale Error
±30
mV
Midscale Error Matching
±10
mV
Gain Linearity Error
±3dB
DRIFT (0
°C to +70°C)
Gain Drift
±100
ppm/
°C
Midscale Drift
–130
µV/°C
TOTAL HARMONIC DISTORTION + NOISE
0 dB, 990.5 Hz
AD1866N
0.005
0.01
%
AD1866R
0.005
0.01
%
–20 dB, 990.5 Hz
AD1866N
0.02
%
AD1866R
0.02
%
–60 dB, 990.5 Hz
AD1866N
2.0
%
AD1866R
2.0
%
CHANNEL SEPARATION (1 kHz, 0 dB)
108
115
dB
SIGNAL-TO-NOISE RATIO (With A-Weight Filter)
95
dB
D-RANGE (With A-Weight Filter)
90
dB
OUTPUT
Voltage Output Pins (VOL, VOR)
Output Range (
±3%)
±1V
Output Impedance
0.1
Ω
Load Current
±1mA
Bias Voltage Pins (VBL, VBR)
Output Range
+2.5
V
Output Impedance
350
Ω
POWER SUPPLY
Specification, VL and VS
4.75
5
5.25
V
Operation, VL and VS
3.5
5.25
V
+I, VL and VS = 5 V
10
14
mA
POWER DISSIPATION
50
70
mW
TEMPERATURE RANGE
Operation
–35
85
°C
Storage
–60
100
°C
Specifications subject to change without notice.
Specifications in boldface are tested on all production units at final electrical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com