Electronic Components Datasheet Search
  English  ▼

X  

AD1866 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1866
Description  Single Supply Dual 16-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1866 Datasheet(HTML) 3 Page - Analog Devices

  AD1866 Datasheet HTML 1Page - Analog Devices AD1866 Datasheet HTML 2Page - Analog Devices AD1866 Datasheet HTML 3Page - Analog Devices AD1866 Datasheet HTML 4Page - Analog Devices AD1866 Datasheet HTML 5Page - Analog Devices AD1866 Datasheet HTML 6Page - Analog Devices AD1866 Datasheet HTML 7Page - Analog Devices AD1866 Datasheet HTML 8Page - Analog Devices AD1866 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Typical Performance–AD1866
REV. 0
–3–
–100
–90
–80
–70
–60
–50
–40
–30
20500
5500
500
15500
10500
FREQUENCY – Hz
–60dB
–20dB
0dB
Figure 1. THD+N vs. Frequency
125
120
123
121
103
122
102
124
104
FREQUENCY – Hz
105
Figure 2. Channel Separation vs. Frequency
–20dB
SUPPLY VOLTAGE
0dB
–30
–100
5.6
–70
–90
4.6
–80
4.4
–40
–60
–50
5.4
5.2
5.0
4.8
–60dB
Figure 3. THD+N vs. Supply Voltage
INPUT AMPLITUDE – dB
6
–8
20
–2
–6
–80
–4
–100
4
0
2
0
–20
–40
–60
125°C
–35°C
0°C
25°C
70°C
Figure 4. Gain Linearity Error vs. Input Amplitude
TEMPERATURE – °C
–30
–100
125
–70
–90
–50
–80
–75
–40
–60
–50
100
75
50
25
0
–25
–60dB
–20dB
0dB
Figure 5. THD+N vs. Temperature
FREQUENCY – Hz
80
40
103
105
70
50
104
60
Figure 6. Power Supply Rejection Ratio vs. Frequency
(Supply Modulation Amplitude at 500 mV p-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com