Electronic Components Datasheet Search
  English  ▼

X  

AD1877 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1877
Description  Single-Supply 16-Bit Stereo ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1877 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1877 Datasheet HTML 8Page - Analog Devices AD1877 Datasheet HTML 9Page - Analog Devices AD1877 Datasheet HTML 10Page - Analog Devices AD1877 Datasheet HTML 11Page - Analog Devices AD1877 Datasheet HTML 12Page - Analog Devices AD1877 Datasheet HTML 13Page - Analog Devices AD1877 Datasheet HTML 14Page - Analog Devices AD1877 Datasheet HTML 15Page - Analog Devices AD1877 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AD1877–Typical Performance Characteristic Curves
REV. A
–12–
24
2
022
20
18
16
14
12
10
8
6
4
FREQUENCY – kHz
0
140
80
120
100
20
60
40
TPC 1. 1 kHz Tone at –0.5 dBFS (16k-Point FFT)
0
–140
24
–80
–120
2
–100
0
–20
–60
–40
22
20
18
16
14
12
10
8
6
4
FREQUENCY – kHz
TPC 2. 1 kHz Tone at –10 dBFS (16k-Point FFT)
FREQUENCY – kHz
80
100
20
94
98
2
96
0
88
92
90
86
84
82
18
16
14
12
10
8
6
4
TPC 3. THD+N versus Frequency at –0.5 dBFS
AMPLITUDE – dBFS
80
100
20
94
98
2
96
0
88
92
90
86
84
82
18
16
14
12
10
8
6
4
TPC 4. THD+N versus Amplitude at 1 kHz
AMPLITUDE – kHz
60
100
20
95
2
0
80
90
85
75
70
65
18
16
14
12
10
8
6
4
TPC 5. Power Supply Rejection to 300 mV p-p on AVDD
FREQUENCY – kHz
80
20
115
2
120
0
100
110
105
95
90
85
18
16
14
12
10
8
6
4
TPC 6. Channel Separation versus Frequency at –0.5 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com