Electronic Components Datasheet Search
  English  ▼

X  

AD1887 Datasheet(PDF) 15 Page - Analog Devices

Part # AD1887
Description  AC??7 SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1887 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1887 Datasheet HTML 8Page - Analog Devices AD1887 Datasheet HTML 9Page - Analog Devices AD1887 Datasheet HTML 10Page - Analog Devices AD1887 Datasheet HTML 11Page - Analog Devices AD1887 Datasheet HTML 12Page - Analog Devices AD1887 Datasheet HTML 13Page - Analog Devices AD1887 Datasheet HTML 14Page - Analog Devices AD1887 Datasheet HTML 15Page - Analog Devices AD1887 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. 0
AD1887
–15–
Sample Rate 0 (Index 78h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
8
7
/
)
h
2
3
(h
8
7
/
)
h
2
3
(
h
8
7
/
)
h
2
3
(
h
8
7
/
)
h
2
3
(h
8
7
/
)
h
2
3
(
e
l
p
m
a
Se
l
p
m
a
S
e
l
p
m
a
S
e
l
p
m
a
Se
l
p
m
a
S
0
e
t
a
R0
e
t
a
R
0
e
t
a
R
0
e
t
a
R0
e
t
a
R
5
1
0
R
S5
1
0
R
S
5
1
0
R
S
5
1
0
R
S5
1
0
R
S4
1
0
R
S4
1
0
R
S
4
1
0
R
S
4
1
0
R
S4
1
0
R
S3
1
0
R
S3
1
0
R
S
3
1
0
R
S
3
1
0
R
S3
1
0
R
S2
1
0
R
S2
1
0
R
S
2
1
0
R
S
2
1
0
R
S2
1
0
R
S1
1
0
R
S1
1
0
R
S
1
1
0
R
S
1
1
0
R
S1
1
0
R
S0
1
0
R
S0
1
0
R
S
0
1
0
R
S
0
1
0
R
S0
1
0
R
S9
0
R
S9
0
R
S
9
0
R
S
9
0
R
S9
0
R
S8
0
R
S8
0
R
S
8
0
R
S
8
0
R
S8
0
R
S7
0
R
S7
0
R
S
7
0
R
S
7
0
R
S7
0
R
S6
0
R
S6
0
R
S
6
0
R
S
6
0
R
S6
0
R
S5
0
R
S5
0
R
S
5
0
R
S
5
0
R
S5
0
R
S4
0
R
S4
0
R
S
4
0
R
S
4
0
R
S4
0
R
S3
0
R
S2
0
R
S2
0
R
S
2
0
R
S
2
0
R
S2
0
R
S1
0
R
S1
0
R
S
1
0
R
S
1
0
R
S1
0
R
S0
0
R
S0
0
R
S
0
0
R
S
0
0
R
S0
0
R
Sh
0
8
B
Bh
0
8
B
B
h
0
8
B
B
h
0
8
B
Bh
0
8
B
B
Note: 32h is an alias for 78h. The VRA bit in Register 2Ah must be set for the alias to work; if a zero is written to VRA then both
sample rates are reset to 48 kHz.
SR0[15:0]
Writing to this register allows the user to program the sampling frequency from 7 kHz (1B58h) to 48 kHz (BB80h)
in 1 Hertz increments. Programming a value greater than 48 kHz or less than 7 kHz may cause unpredictable results.
Sample Rate 1 (Index 7Ah)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
A
7
/
)
h
C
2
(h
A
7
/
)
h
C
2
(
h
A
7
/
)
h
C
2
(
h
A
7
/
)
h
C
2
(h
A
7
/
)
h
C
2
(
e
l
p
m
a
Se
l
p
m
a
S
e
l
p
m
a
S
e
l
p
m
a
Se
l
p
m
a
S
1
e
t
a
R1
e
t
a
R
1
e
t
a
R
1
e
t
a
R1
e
t
a
R
5
1
1
R
S5
1
1
R
S
5
1
1
R
S
5
1
1
R
S5
1
1
R
S4
1
1
R
S4
1
1
R
S
4
1
1
R
S
4
1
1
R
S4
1
1
R
S3
1
1
R
S3
1
1
R
S
3
1
1
R
S
3
1
1
R
S3
1
1
R
S2
1
1
R
S2
1
1
R
S
2
1
1
R
S
2
1
1
R
S2
1
1
R
S1
1
1
R
S1
1
1
R
S
1
1
1
R
S
1
1
1
R
S1
1
1
R
S0
1
1
R
S0
1
1
R
S
0
1
1
R
S
0
1
1
R
S0
1
1
R
S9
1
R
S9
1
R
S
9
1
R
S
9
1
R
S9
1
R
S8
1
R
S8
1
R
S
8
1
R
S
8
1
R
S8
1
R
S7
1
R
S7
1
R
S
7
1
R
S
7
1
R
S7
1
R
S6
1
R
S6
1
R
S
6
1
R
S
6
1
R
S6
1
R
S5
1
R
S5
1
R
S
5
1
R
S
5
1
R
S5
1
R
S4
1
R
S4
1
R
S
4
1
R
S
4
1
R
S4
1
R
S3
1
R
S2
1
R
S2
1
R
S
2
1
R
S
2
1
R
S2
1
R
S1
1
R
S1
1
R
S
1
1
R
S
1
1
R
S1
1
R
S0
1
R
S0
1
R
S
0
1
R
S
0
1
R
S0
1
R
Sh
0
8
B
Bh
0
8
B
B
h
0
8
B
B
h
0
8
B
Bh
0
8
B
B
Note: 2Ch is an alias for 7Ah. The VRA bit in Register 2Ah must be set for the alias to work; if a zero is written to VRA then both
sample rates are reset to 48 kHz.
SR1[15:0]
Writing to this register allows the user to program the sampling frequency from 7 kHz (1B58h) to 48 kHz (BB80h)
in 1 Hertz increments. Programming a value greater than 48 kHz or less than 7 kHz may cause unpredictable results.
Vendor ID Registers (Index 7Ch–7Eh)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
C
7h
C
7
h
C
7
h
C
7h
C
71
D
I
r
o
d
n
e
V1
D
I
r
o
d
n
e
V
1
D
I
r
o
d
n
e
V
1
D
I
r
o
d
n
e
V1
D
I
r
o
d
n
e
V7
F7
F7
F7
F7
F6
F6
F6
F6
F6
F5
F5
F5
F5
F5
F4
F4
F4
F4
F4
F3
F3
F3
F3
F3
F2
F2
F2
F2
F2
F1
F1
F1
F1
F1
F0
F0
F0
F0
F0
F7
S7
S7
S7
S7
S6
S6
S6
S6
S6
S5
S5
S5
S5
S5
S4
S4
S4
S4
S4
S3
S3
S3
S3
S3
S2
S2
S2
S2
S2
S1
S1
S1
S1
S1
S0
S0
S0
S0
S0
Sh
4
4
1
4h
4
4
1
4
h
4
4
1
4
h
4
4
1
4h
4
4
1
4
S[7:0]
This register is ASCII encoded to ‘A.’
F[7:0]
This register is ASCII encoded to ‘D.’
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
E
7h
E
7 h
E
7 h
E
7h
E
72
D
I
r
o
d
n
e
V2
D
I
r
o
d
n
e
V
2
D
I
r
o
d
n
e
V
2
D
I
r
o
d
n
e
V2
D
I
r
o
d
n
e
V7
T7
T7
T7
T7
T6
T6
T6
T6
T6
T5
T5
T5
T5
T5
T4
T4
T4
T4
T4
T3
T3
T3
T3
T3
T2
T2
T2
T2
T2
T1
T1
T1
T1
T1
T0
T0
T0
T0
T0
T7
V
E
R7
V
E
R
7
V
E
R
7
V
E
R7
V
E
RV
E
RV
E
R V
E
R V
E
RV
E
R6
6
6
6
6V
E
RV
E
R V
E
R V
E
RV
E
R5
5
5
5
5V
E
RV
E
R V
E
R V
E
RV
E
R4
4
4
4
4V
E
RV
E
R V
E
R V
E
RV
E
R3
3
3
3
3V
E
RV
E
R V
E
R V
E
RV
E
R2
2
2
2
2V
E
RV
E
R V
E
R V
E
RV
E
R1
1
1
1
1V
E
RV
E
R V
E
R V
E
RV
E
R0
0
0
0
0h
2
6
3
5h
2
6
3
5
h
2
6
3
5
h
2
6
3
5h
2
6
3
5
T[7:0]
This register is ASCII encoded to ‘S.’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com