Electronic Components Datasheet Search
  English  ▼

X  

AD1887JST Datasheet(PDF) 7 Page - Analog Devices

Part # AD1887JST
Description  AC??7 SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1887JST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1887JST Datasheet HTML 3Page - Analog Devices AD1887JST Datasheet HTML 4Page - Analog Devices AD1887JST Datasheet HTML 5Page - Analog Devices AD1887JST Datasheet HTML 6Page - Analog Devices AD1887JST Datasheet HTML 7Page - Analog Devices AD1887JST Datasheet HTML 8Page - Analog Devices AD1887JST Datasheet HTML 9Page - Analog Devices AD1887JST Datasheet HTML 10Page - Analog Devices AD1887JST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
AD1887
–7–
PIN FUNCTION DESCRIPTIONS
Digital I/O
Pin Name
TQFP
I/O
Description
XTL_IN
2
I
Crystal (or Clock) Input, 24.576 MHz
XTL_OUT
3
O
Crystal Output
SDATA_OUT
5
I
AC-Link Serial Data Output, AD1887 Input Stream
BIT_CLK
6
O/I
AC-Link Bit Clock 12288 MHz Serial Data Clock Daisy Chain Output Clock
SDATA_IN
8
O
AC-Link Serial Data Input AD1887 Output Stream
SYNC
10
I
AC-Link Frame Sync
RESET
11
I
AC-Link Reset AD1887 Master H/W Reset
Chip Selects
Pin Name
TQFP
Type
Description
ID0
45
I
Chip Select Input 0 (Active Low)
ID1
46
I
Chip Select Input 1 (Active Low)
Analog I/O
These signals connect the AD1887 component to analog sources and sinks, including microphones and speakers
Pin Name
TQFP
I/O
Description
CD_L
18
I
CD Audio Left Channel
CD_GND_REF
19
I
CD Audio Analog Ground Reference for Differential CD Input
CD_ R
20
I
CD Audio Right Channel
MIC
21
I
Microphone Input
LINE_IN_L
23
I
Line in Left Channel
LINE_IN_R
24
I
Line in Right Channel
HP_OUT_L
39
O
Headphones Out Left Channel
HP_OUT_R
41
O
Headphones Out Right Channel
Filter/Reference
These signals are connected to resistors, capacitors, or specific voltages
Pin Name
TQFP
I/O
Description
VREF
27
O
Voltage Reference Filter
VREFOUT
28
O
Voltage Reference Output 5 mA Drive (Intended for Mic Bias)
AFILT1
29
O
Antialiasing Filter Capacitor—ADC Right Channel
AFLIT2
30
O
Antialiasing Filter Capacitor—ADC Left Channel
FILT_R
31
O
AC-Coupling Filter Capacitor—ADC Right Channel
FILT_L
32
O
AC-Coupling Filter Capacitor—ADC Left Channel
Power and Ground Signals
Pin Name
TQFP
Type
Description
DVDD1
1
I
Digital VDD 33 V
DVSS1
4
I
Digital GND
DVSS2
7
I
Digital GND
DVDD2
9
I
Digital VDD 33 V
AVDD1
25
I
Analog VDD 50 V
AVSS1
26
I
Analog GND
AVDD2
38
I
Analog VDD 50 V
AVSS2
40
I
Analog GND
AVDD3
43
I
Analog VDD 50 V
AVSS3
44
I
Analog GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com