Electronic Components Datasheet Search
  English  ▼

X  

AD1887JST Datasheet(PDF) 12 Page - Analog Devices

Part # AD1887JST
Description  AC??7 SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1887JST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1887JST Datasheet HTML 8Page - Analog Devices AD1887JST Datasheet HTML 9Page - Analog Devices AD1887JST Datasheet HTML 10Page - Analog Devices AD1887JST Datasheet HTML 11Page - Analog Devices AD1887JST Datasheet HTML 12Page - Analog Devices AD1887JST Datasheet HTML 13Page - Analog Devices AD1887JST Datasheet HTML 14Page - Analog Devices AD1887JST Datasheet HTML 15Page - Analog Devices AD1887JST Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. 0
AD1887
–12–
General Purpose Register (Index 20h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
0
2h
0
2 h
0
2 h
0
2h
0
2e
s
o
p
r
u
P
l
a
r
e
n
e
Ge
s
o
p
r
u
P
l
a
r
e
n
e
G
e
s
o
p
r
u
P
l
a
r
e
n
e
G
e
s
o
p
r
u
P
l
a
r
e
n
e
Ge
s
o
p
r
u
P
l
a
r
e
n
e
GX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XK
B
P
LK
B
P
L
K
B
P
L
K
B
P
LK
B
P
LX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
Xh
0
0
0
0h
0
0
0
0
h
0
0
0
0
h
0
0
0
0h
0
0
0
0
Note: This register should be read before writing to generate a mask for only the bit(s) that need to be changed. The function default
value is 0000h, which is all off.
LPBK
Loopback Control. ADC/DAC digital loopback mode.
Subsection Ready Register (Index 26h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
6
2h
6
2 h
6
2 h
6
2h
6
2t
a
t
S
/
l
r
t
n
C
n
w
o
D
-
r
e
w
o
Pt
a
t
S
/
l
r
t
n
C
n
w
o
D
-
r
e
w
o
P
t
a
t
S
/
l
r
t
n
C
n
w
o
D
-
r
e
w
o
P
t
a
t
S
/
l
r
t
n
C
n
w
o
D
-
r
e
w
o
Pt
a
t
S
/
l
r
t
n
C
n
w
o
D
-
r
e
w
o
PX
X
X
X
X6
R
P6
R
P 6
R
P 6
R
P6
R
P5
R
P5
R
P 5
R
P 5
R
P5
R
P4
R
P4
R
P 4
R
P 4
R
P4
R
P3
R
P3
R
P 3
R
P 3
R
P3
R
P2
R
P2
R
P 2
R
P 2
R
P2
R
P1
R
P1
R
P 1
R
P 1
R
P1
R
P0
R
P0
R
P 0
R
P 0
R
P0
R
PX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XF
E
RF
E
R F
E
R F
E
RF
E
RL
N
AL
N
A L
N
A L
N
AL
N
AC
A
DC
A
D C
A
D C
A
DC
A
DC
D
AC
D
A C
D
A C
D
AC
D
AA
NA
NA
NA
NA
N
Note: The ready bits are read only, writing to REF, ANL, DAC, ADC will have no effect. These bits indicate the status for the
AD1887 subsections. If the bit is a one, that subsection is “ready.” Ready is defined as the subsection able to perform in its nomi-
nal state.
ADC
ADC section ready to transmit data.
DAC
DAC section ready to accept data.
ANL
Analog gainuators, attenuators, and mixers ready.
REF
Voltage References, VREF and VREFOUT up to nominal level.
PR[5:0]
AD1887 Power-Down Modes. The first three bits are to be used individually rather than in combination with each
other. The last bit, PR3, can be used in combination with PR2 or by itself. The mixer and reference cannot be
powered down via PR3 unless the ADCs and DACs are also powered down. Nothing else can be powered up until
the reference is up.
PR0 – Powered-Down ADC
PR1 – Powered-Down DAC
PR2 – Powered-Down Analog Mixer
PR3 – Powered-Down VREF and VREFOUT
PR4 – Powered-Down AC-Link
PR5 – Powered-Down Internal Clock
PR6 – Powered-Down Headphone
PR5 has no effect unless all ADCs, DACs, and the AC-Link are powered down. The reference and the mixer can
be either up or down, but all power-up sequences must be allowed to run to completion before PR5 and PR4 are
both set.
In multiple-codec systems, the master codec’s PR5 and PR4 bits control the slave codec. PR5 is also effective in
the slave codec if the master’s PR5 bit is clear, but the PR4 bit has no effect or disable PR5.
Power-Down State
PR6
PR5
PR4
PR3
PR2
PR1
PR0
ADC Power-Down
0000001
DACs Power-Down
0000010
ADC and DAC Power-Down
0000011
Mixer Power-Down
0000100
ADC + Mixer Power-Down
0000101
DAC + Mixer Power-Down
0000110
ADC + DAC + Mixer Power-Down
0000111
Standby
1111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com