Electronic Components Datasheet Search
  English  ▼

X  

AD1891 Datasheet(PDF) 16 Page - Analog Devices

Part # AD1891
Description  SamplePort Stereo Asynchronous Sample Rate Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1891 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1891 Datasheet HTML 12Page - Analog Devices AD1891 Datasheet HTML 13Page - Analog Devices AD1891 Datasheet HTML 14Page - Analog Devices AD1891 Datasheet HTML 15Page - Analog Devices AD1891 Datasheet HTML 16Page - Analog Devices AD1891 Datasheet HTML 17Page - Analog Devices AD1891 Datasheet HTML 18Page - Analog Devices AD1891 Datasheet HTML 19Page - Analog Devices AD1891 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD1890/AD1891
–16–
REV. 0
Performance Graphs
100
20k
10k
1k
20
FREQUENCY – Hz
–60.00
–80.00
–70.00
–90.00
–110.0
–100.0
–130.0
–120.0
–140.0
–160.0
–150.0
Figure 14a. AD1890—Dynamic Range from 20 Hz to
20 kHz, –60 dBFS, 48 kHz Input Sample Frequency,
44.1 kHz Output Sample Frequency, 16k-Point FFT,
BH4 Window
0.0
–40.00
–140.00
–20.00
–80.00
–60.00
–120.00
–100.00
20
100
20k
10k
1k
FREQUENCY – Hz
Figure 15a. AD1890—1 kHz Tone at 0 dBFS, 48 kHz Input
Sample Frequency, 44.1 kHz Output Sample Frequency,
16k-Point FFT, BH4 Window
0.0
–40.00
–140.00
–20.00
–80.00
–60.00
–120.00
–100.00
20
100
20k
10k
1k
FREQUENCY – Hz
0.0
–40.00
–140.00
–20.00
–80.00
–60.00
–120.00
–100.00
20
100
20k
10k
1k
FREQUENCY – Hz
Figure 16a. AD1890—15 kHz Tone at 0 dBFS, 48 kHz Input
Sample Frequency, 44.1 kHz Output Sample Frequency,
16k-Point FFT, BH4 Window
100
20k
10k
1k
20
FREQUENCY – Hz
–60.00
–80.00
–70.00
–90.00
–110.0
–100.0
–130.0
–120.0
–140.0
–160.0
–150.0
Figure 14b. AD1891—Dynamic Range from 20 Hz to
20 kHz, –60 dBFS, 48 kHz Input Sample Frequency,
44.1 kHz Output Sample Frequency, 16k-Point FFT,
BH4 Window
0.0
–40.00
–140.00
–20.00
–80.00
–60.00
–120.00
–100.00
20
100
20k
10k
1k
FREQUENCY – Hz
Figure 15b. AD1891—1 kHz Tone at 0 dBFS, 48 kHz Input
Sample Frequency, 44.1 kHz Output Sample Frequency,
16k-Point FFT, BH4 Window
0.0
–40.00
–140.00
–20.00
–80.00
–60.00
–120.00
–100.00
20
100
20k
10k
1k
FREQUENCY – Hz
Figure 16b. AD1891—15 kHz Tone at 0 dBFS, 48 kHz Input
Sample Frequency, 44.1 kHz Output Sample Frequency,
16k-Point FFT, BH4 Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com