Electronic Components Datasheet Search
  English  ▼

X  

AD1891 Datasheet(PDF) 18 Page - Analog Devices

Part # AD1891
Description  SamplePort Stereo Asynchronous Sample Rate Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1891 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1891 Datasheet HTML 12Page - Analog Devices AD1891 Datasheet HTML 13Page - Analog Devices AD1891 Datasheet HTML 14Page - Analog Devices AD1891 Datasheet HTML 15Page - Analog Devices AD1891 Datasheet HTML 16Page - Analog Devices AD1891 Datasheet HTML 17Page - Analog Devices AD1891 Datasheet HTML 18Page - Analog Devices AD1891 Datasheet HTML 19Page - Analog Devices AD1891 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD1890/AD1891
–18–
REV. 0
0.0
–140.0
–80.00
–120.0
–100.0
–20.00
–60.00
–40.00
20k
2k
20
18k
16k
14k
12k
10k
8k
6k
4k
FREQUENCY – Hz
Figure 20a. AD1890—Twintone, 10 kHz and 11 kHz,
44.1 kHz Input Sample Frequency, 48 kHz Output Sample
Frequency, 16k-Point FFT, BH4 Window
0.0
–140.0
–80.00
–120.0
–100.0
–20.00
–60.00
–40.00
20k
18k
16k
14k
12k
10k
8k
6k
FREQUENCY – Hz
2k
20
4k
Figure 20b. AD1891—Twintone, 10 kHz and 11 kHz,
44.1 kHz Input Sample Frequency, 48 kHz Output Sample
Frequency, 16k-Point FFT, BH4 Window
0.0
–140.0
10k
–80.00
–120.0
1k
–100.0
20
–20.00
–60.00
–40.00
9k
8k
7k
6k
5k
4k
3k
2k
FREQUENCY – Hz
Figure 21. AD1890/AD1891—5 kHz Tone at 0 dBFS with 100 ns p-p Binomial Jitter
on L/R Clocks, Fast Settling Mode, 48 kHz Input Sample Frequency, 44.1 kHz Output
Sample Frequency, 16k-Point FFT, BH4 Window
DATA IN/OUT
NO MSB DELAY MODE
BCLK_I, BCLK_O
NORMAL MODE
BCLK_I, BCLK_O
INVERTED MODE
LR_I, LR_O
INPUT
WCLK_I, WCLK_O
INPUT
INPUT
DATA IN/OUT
MSB DELAY MODE
MSB
MSB–1 MSB–2
LEFT DATA
MSB
LSB
LSB+1
LSB+2
MSB-1 MSB-2
RIGHT DATA
LSB+1
LSB
MSB
MSB–1 MSB–2 MSB–3
LEFT DATA
RIGHT DATA
LSB+1
LSB
MSB-3
MSB
MSB-1 MSB-2
LSB
Figure 22. AD1890/AD1891 Serial Data Input and Output Timing, Word Clock Triggered Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com