Electronic Components Datasheet Search
  English  ▼

X  

AD215BY Datasheet(PDF) 11 Page - Analog Devices

Part # AD215BY
Description  120 kHz Bandwidth, Low Distortion, Isolation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD215BY Datasheet(HTML) 11 Page - Analog Devices

Back Button AD215BY Datasheet HTML 4Page - Analog Devices AD215BY Datasheet HTML 5Page - Analog Devices AD215BY Datasheet HTML 6Page - Analog Devices AD215BY Datasheet HTML 7Page - Analog Devices AD215BY Datasheet HTML 8Page - Analog Devices AD215BY Datasheet HTML 9Page - Analog Devices AD215BY Datasheet HTML 10Page - Analog Devices AD215BY Datasheet HTML 11Page - Analog Devices AD215BY Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD215
REV. 0
–11–
IN+
IN–
FB
COM
OUT HI
OUT LO
TRIM
3
4
AD215
36
PWR
RTN
–15V
+15V
+VISO
–VISO
6.8µF
6.8µF
350
Ω
–
ε
350
Ω
+
ε
Q1
2N3904
38
+VISO
220
Ω
+VISO
1/2
AD648
220
Ω
–VISO
1/2
AD648
9.76k
Ω
500
Ω
+VISO
6.8k
Ω
Q2
2N3906
–VISO
AD589
2M
Ω
1M
Ω
AD744
2.2pF
453k
Ω
–1.2V
+1.2V
10k
Ω
–VISO
1k
Ω
ISOLATED
DC
SUPPLY
430kHz
POWER
OSC
37
43
42
44
MOD
DEMOD
OUTPUT
FILTER
AND
BUFFER
2
6
5
C2
C1
1
Figure 23. Strain Gage Signal Conditioning Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com