Electronic Components Datasheet Search
  English  ▼

X  

AD215BY Datasheet(PDF) 2 Page - Analog Devices

Part # AD215BY
Description  120 kHz Bandwidth, Low Distortion, Isolation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD215BY Datasheet(HTML) 2 Page - Analog Devices

  AD215BY Datasheet HTML 1Page - Analog Devices AD215BY Datasheet HTML 2Page - Analog Devices AD215BY Datasheet HTML 3Page - Analog Devices AD215BY Datasheet HTML 4Page - Analog Devices AD215BY Datasheet HTML 5Page - Analog Devices AD215BY Datasheet HTML 6Page - Analog Devices AD215BY Datasheet HTML 7Page - Analog Devices AD215BY Datasheet HTML 8Page - Analog Devices AD215BY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
AD215–SPECIFICATIONS (Typical @ +25 C, V
S =
15 V dc, 2 k
output load, unless otherwise noted.)
AD215AY/BY
Parameter
Conditions
Min
Typ
Max
Units
GAIN
Range
1
1
10
V/V
Error
G = 1 V/V, No Load on VISO
±0.5
±2%
vs. Temperature
0
°C to +85°C
+15
ppm/
°C
–40
°C to 0°C
+50
ppm/
°C
vs. Supply Voltage
±(14.5 V dc to 16.5 V dc)
+100
ppm/V
vs. Isolated Supply Load
2
+20
ppm/mA
Nonlinearity
3
AD215BY Grade
±10 V Output Swing, G = 1 V/V
±0.005
±0.015
%
±10 V Output Swing, G = 10 V/V
±0.01
%
AD215AY Grade
±10 V Output Swing, G = 1 V/V
±0.01
± 0.025
%
±10 V Output Swing, G = 10 V/V
±0.025
%
INPUT VOLTAGE RATINGS
Input Voltage Rating
G = 1 V/V
±10
V
Maximum Safe Differential Range
IN+ or IN–, to IN COM
±15
V
CMRR of Input Op Amp
100
dB
Isolation Voltage Rating
4
Input to Output, AC, 60 Hz
AD215BY Grade
100% Tested
4
1500
V rms
AD215AY Grade
100% Tested
4
750
V rms
IMRR (Isolation Mode Rejection Ratio)
RS ≤ 100 Ω (IN+ & IN–), G = 1 V/V, 60 Hz
120
dB
RS ≤ 100
Ω (IN+ & IN–), G = 1 V/V, 1 kHz
100
dB
RS
≤ 100 Ω (IN+ & IN–), G = 1 V/V, 10 kHz
80
dB
RS ≤ 1 kΩ (IN+ & IN–), G = 1 V/V, 60 Hz
105
dB
RS
≤ 1 kΩ (IN+ & IN–), G = 1 V/V, 1 kHz
85
dB
RS
≤ 1 kΩ (IN+ & IN–), G = 1 V/V, 10 kHz
65
dB
Leakage Current, Input to Output
240 V rms, 60 Hz
2
µA rms
INPUT IMPEDANCE
Differential
G = 1 V/V
16
M
Ω
Common Mode
2 4.5
G
Ω pF
INPUT OFFSET VOLTAGE
Initial
@ +25
°C
±0.4
±2.0
mV
vs. Temperature
0
°C to +85°C
±2
µV/°C
–40
°C to 0°C
±20
µV/°C
OUTPUT OFFSET VOLTAGE
Initial
@ +25
°C, Trimmable to Zero
0
–35
–80
mV
vs. Temperature
0
°C to +85°C
±30
µV/°C
–40
°C to 0°C
±80
µV/°C
vs. Supply Voltage
±350
µV/V
vs. Isolated Supply Load
2
–35
µV/mA
INPUT BIAS CURRENT
Initial
@ +25
°C
300
nA
vs. Temperature
–40
°C to +85°C
±400
nA
INPUT DIFFERENCE CURRENT
Initial
@ +25
°C
±3nA
vs. Temperature
–40
°C to +85°C
±40
nA
INPUT VOLTAGE NOISE
Input Voltage Noise
Frequency > 10 Hz
20
nV/
√Hz
DYNAMIC RESPONSE (2 k
Ω Load)
Full Signal Bandwidth (–3 dB)
G = 1 V/V, 20 V pk-pk Signal
100
120
kHz
Transport Delay
6
2.2
µs
Slew Rate
±10 V Output Swing
6
V/
µs
Rise Time
10% to 90%,
±10 V Output Swing
3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com