Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4121 Datasheet(PDF) 16 Page - Analog Devices

Part # ZSPM4121
Description  Under-Voltage Load Switch for Smart Battery Management
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ZSPM4121 Datasheet(HTML) 16 Page - Analog Devices

Back Button ZSPM4121 Datasheet HTML 9Page - Analog Devices ZSPM4121 Datasheet HTML 10Page - Analog Devices ZSPM4121 Datasheet HTML 11Page - Analog Devices ZSPM4121 Datasheet HTML 12Page - Analog Devices ZSPM4121 Datasheet HTML 13Page - Analog Devices ZSPM4121 Datasheet HTML 14Page - Analog Devices ZSPM4121 Datasheet HTML 15Page - Analog Devices ZSPM4121 Datasheet HTML 16Page - Analog Devices ZSPM4121 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ZSPM4121
Under-Voltage Load Switch for Smart Battery Management
Data Sheet
April 30, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
16 of 17
7
Ordering Information
Ordering Code*
Description
Package
ZSPM4121AI1W17
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 1.7V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W21
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 2.1V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W23
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 2.3V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W24
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 2.4V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W25
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 2.5V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W26
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 2.6V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W28
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 2.8V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W30
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 3.0V
8-
pin DFN / 7” Reel (2500)
ZSPM4121KIT
ZSPM4121 Evaluation Kit
* Custom values are also available in the range of 1.2V - 4.2V (typical) in 100mV increments.
8
Related Documents
Document
File Name
ZSPM4121 Feature Sheet
ZSPM4121_Feature_Sheet_revX_xy.pdf
ZSPM4121 Evaluation Kit Description
ZSPM4121_Eval_Kit_Description_revX_xy.pdf
ZSPM4121 Application Note
—Low Power
Battery Control and Voltage Regulator
Solutions for Remote Sensor Networks
ZSPM4121_App_Note_LP-Batt-Contr-VReg-Remote-Sensor-Net_X_xy.pdf
Note: X_xy refers to the current revision of the document.
Visit ZMDI’s website www.zmdi.com or contact your nearest sales office for the latest version of these documents.
9
Glossary
Term
Description
PG
Power Good (NPG = Power Good, active low)
RFID
Radio Frequency Identification
SPM
Smart Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com