Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4121 Datasheet(PDF) 2 Page - Analog Devices

Part # ZSPM4121
Description  Under-Voltage Load Switch for Smart Battery Management
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ZSPM4121 Datasheet(HTML) 2 Page - Analog Devices

  ZSPM4121 Datasheet HTML 1Page - Analog Devices ZSPM4121 Datasheet HTML 2Page - Analog Devices ZSPM4121 Datasheet HTML 3Page - Analog Devices ZSPM4121 Datasheet HTML 4Page - Analog Devices ZSPM4121 Datasheet HTML 5Page - Analog Devices ZSPM4121 Datasheet HTML 6Page - Analog Devices ZSPM4121 Datasheet HTML 7Page - Analog Devices ZSPM4121 Datasheet HTML 8Page - Analog Devices ZSPM4121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ZSPM4121
Under-Voltage Load Switch for Smart Battery Management
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is subject to changes without notice.
ZSPM4121
GND
VOUT
NPG
VCC
Note: At manufacturing, VTHRESH is programmed to a
customer-selected threshold voltage in the range of
1.2V to 4.2V with 100mV steps between options.
Regulated
VTHRESH
Brief Description
The ZSPM4121 battery management load switch
can be used to protect a battery from excessive
discharge. It actively switches the battery power
source off if it drops to a set threshold (Off Mode).
When the input battery voltage is above the
threshold, the load switch is on (On Mode). The
ZSPM4121 threshold
voltage
(VTHRESH) is pro-
grammed at manufacturing to a set point in the
range of 1.2V to 4.2V with 100mV steps between
options.
When the input battery voltage has been switched
off by the ZSPM4121, the quiescent current draw on
the battery is in the order of 100pA (typical). The
quiescent current in the on state is as low as 70nA.
The ZSPM4121 consists of an internally generated
threshold voltage, a comparator with hysteresis,
slew rate control for the load switch, a P-channel
load switch, and an open-drain indicator pin. The
500mV hysteresis between the Off Mode and the On
Mode
prevents
intermittent
operation.
The
ZSPM4121 also provides over-current protection.
Benefits
Best-in-class ultra-low quiescent current in
Off Mode: 100pA (typical)
Ultra-low quiescent current in On Mode: 70nA
(typical)
Accurate on/off voltage threshold
Low Rds(on): 175mΩ (typical) @ 5V
Features
Power source is actively switched off when
VCC drops below a set threshold (programmed
at manufacturing)
Wide input voltage range: 1.2V to 5.5V
Threshold voltage options of 1.2V to 4.2V in
100mV steps (factory programmed)
Supervisory over-current limit shutdown
Low drop out disconnect from VCC to loads
Controlled turn-on slew rate
500mV Off Mode to On Mode hysteresis
Over current shutdown (3A)
Related ZMDI Smart Power Products
ZSPM4141 Ultra-Low-Power Linear Regulator
Available Support
Evaluation Kit
Support Documentation
Physical Characteristics
Package: 8-pin DFN (2mm x 2mm)
ZSPM4121 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com