Electronic Components Datasheet Search
  English  ▼

X  

AD28MSP01 Datasheet(PDF) 20 Page - Analog Devices

Part # AD28MSP01
Description  PSTN Signal Port
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP01 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD28MSP01 Datasheet HTML 16Page - Analog Devices AD28MSP01 Datasheet HTML 17Page - Analog Devices AD28MSP01 Datasheet HTML 18Page - Analog Devices AD28MSP01 Datasheet HTML 19Page - Analog Devices AD28MSP01 Datasheet HTML 20Page - Analog Devices AD28MSP01 Datasheet HTML 21Page - Analog Devices AD28MSP01 Datasheet HTML 22Page - Analog Devices AD28MSP01 Datasheet HTML 23Page - Analog Devices AD28MSP01 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD28msp01
REV. A
–20–
TIMING PARAMETERS
Parameter
Min
Max
Unit
Clock Signals
Timing Requirement:
FMCK
MCLK Frequency
13.824
13.824
MHz
± 50 ppm
tMCK
MCLK Period
72.34
72.34
ns
tMKL
MCLK Width Low
0.5tMCK – 10
0.5tMCK + 10
ns
tMKH
MCLK Width High
0.5tMCK – 10
0.5tMCK + 10
ns
Switching Characteristic:
tSCK
SCLK Period
8tMCK – 10
8tMCK + 10
ns
tSKL
SCLK Width Low
4tMCK – 10
4tMCK + 10
ns
tSKH
SCLK Width High
4tMCK – 10
4tMCK + 10
ns
Control Signals
Timing Requirement:
tRSP
RESET
Width Low
5tMCK
1
ns
NOTE
1Applies after power-up sequence is complete. Internal phase lock loop requires no more than 1000 processor cycles assuming stable CLKIN (not including
crystal oscillator start-up time).
MCLK
SCLK
t
MCK
t
MKL
t
MKH
t
SKH
t
SCK
t
SKL
Figure 16. Clock Signals
Serial Port 3-State
Parameter
Min
Max
Unit
Switching Characteristic:
tSPD
CS Low to SDO, SDOFS, SCLK Disable
20
ns
tSPE
CS High to SDO, SDOFS, SCLK Enable
0
ns
tSPV
CS High to SDO, SDOFS, SCLK Valid
25
ns
CS
t
SPD
t
SPV
t
SPE
SDO
SDOFS
SCLK
Figure 17. Serial Port 3-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com