Electronic Components Datasheet Search
  English  ▼

X  

AD28msp01KST Datasheet(PDF) 15 Page - Analog Devices

Part # AD28msp01KST
Description  PSTN Signal Port
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28msp01KST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD28msp01KST Datasheet HTML 11Page - Analog Devices AD28msp01KST Datasheet HTML 12Page - Analog Devices AD28msp01KST Datasheet HTML 13Page - Analog Devices AD28msp01KST Datasheet HTML 14Page - Analog Devices AD28msp01KST Datasheet HTML 15Page - Analog Devices AD28msp01KST Datasheet HTML 16Page - Analog Devices AD28msp01KST Datasheet HTML 17Page - Analog Devices AD28msp01KST Datasheet HTML 18Page - Analog Devices AD28msp01KST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD28msp01
REV. A
–15–
FROM MODEM TX
TO MODEM RX
AD28msp01
A/D
DATA
REGISTER 2
CONTROL
REGISTER 4
RX PHASE ADJUST
ANALOG IN
MCLK
16
16
DSP Processor
D/A
DATA
REGISTER 0
16
ANALOG OUT
TCONV
TBIT
TBAUD
PHASE ADJUST
TX CLOCKS
TX CLOCKS
RCONV
RBIT
RBAUD
PHASE ADJUST
CONVERT
START
RX CLOCKS
FROM MODEM TX
TO MODEM RX
CONVERT
START
CONTROL
REGISTER 5
TX PHASE ADJUST
16
Figure 11. Asynchronous Fallback Mode Block Diagram
Operating Mode Summary
Table III summarizes the operating modes.
Table III. Operating Mode Summary
Internal Filter
Initial Phase
Phase Adjust
Operation
Control
Lock After
Normal DPLL* Register
Resampling
Synchronous To:
Register 0
Mode
Entering Mode
Operation
Programmable†
Interpolator
ADC
DAC
OP 2-0
Async Fallback
no phase lock
no phase lock
RCV, TX
not used
RCONV
TCONV
0 0 0
Async TSYNC
TCONV lock
TCONV lock
RCV
not used
RCONV
TCONV
1 1 1
to TSYNC
to TSYNC
V.32 TSYNC
RCONV lock
TCONV lock
RCV
Input synchronous
TCONV
TCONV
1 0 0
to TCONV
to TSYNC
and in phase with
TCONV, Output
synchronous and in
phase with RCONV
V.32 Internal Sync RCONV lock
no phase lock
RCV, TX
Input synchronous
TCONV
TCONV
1 0 1
to TCONV
and in phase with
TCONV, Output
synchronous and in
phase with RCONV
V.32 Loopback
TCONV lock
no phase lock
RCV††
not used
TCONV
TCONV
1 1 0
to RCONV
NOTES
*DPLL—Digital Phase-Locked loop.
†RCV phase adjusted via Control Register 4, TX phase adjusted via Control Register 5.
††Adjusting RCV phase also adjusts TX phase in this mode.
Note: All receive clocks: RBIT, RBAUD are synchronous to RCONV. All transmit clocks: TBIT, TBAUD are synchronous to TCONV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com