Electronic Components Datasheet Search
  English  ▼

X  

AD28msp01KST Datasheet(PDF) 19 Page - Analog Devices

Part # AD28msp01KST
Description  PSTN Signal Port
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28msp01KST Datasheet(HTML) 19 Page - Analog Devices

Back Button AD28msp01KST Datasheet HTML 15Page - Analog Devices AD28msp01KST Datasheet HTML 16Page - Analog Devices AD28msp01KST Datasheet HTML 17Page - Analog Devices AD28msp01KST Datasheet HTML 18Page - Analog Devices AD28msp01KST Datasheet HTML 19Page - Analog Devices AD28msp01KST Datasheet HTML 20Page - Analog Devices AD28msp01KST Datasheet HTML 21Page - Analog Devices AD28msp01KST Datasheet HTML 22Page - Analog Devices AD28msp01KST Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD28msp01
REV. A
–19–
DIGITAL INTERFACE ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
Test Condition
VIH
Input High Voltage
2.4
V
VDD = max
VIL
Input Low Voltage
0.8
V
VDD = min
VOH
Output High Voltage
2.4
V
VDD = min, IOH = –0.5 mA
VOL
Output Low Voltage
0.4
V
VDD = min, IOL = 2 mA
IIH
High Level Input Current
10
µAV
DD = max, VIN = max
IIL
Low Level Input Current
10
µAV
DD = max, VIN = 0 V
IOZL
Low Level Output 3-State Leakage Current
10
µAV
DD = max, VIN = max
IOZH
High Level Output 3-State Leakage Current
10
µAV
DD = max, VIN = 0 V
CI
Digital Input Capacitance
1
10
pF
1Guaranteed but not tested.
ANALOG INTERFACE ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
ADC:
IL
Input Leakage Current at VIN
10
nA
RI
Input Resistance at VIN
100
M
Ω
CIL
Input Load Capacitance at VFB
10
pF
VINMAX
Maximum Input Range
1
3.156
V p-p
DAC:
Ro
Output Resistance
1
Ω
VOFF
Output DC Offset
2
–400
400
mV
COL
Output Load Capacitance
100
pF
VO
Maximum Voltage Output Swing (p-p) Across RL
Single-Ended
3.156
V
Differential
6.312
V
RL
Load Resistance
2
k
Ω
Test Conditions for all analog interface tests: Unity input gain, no load on analog output (VOUTP–VOUTN).
1At unity gain on input.
2Between V
OUTP and VOUTN.
POWER DISSIPATION
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Analog Operating Voltage
4.75
5.0
5.25
V
VDD
Digital Operating Voltage
4.75
5.0
5.25
V
ICC
Analog Operating Current Active
1
24
35
mA
IDD
Digital Operating Current Active1
11
20
mA
P1
Power Dissipation Active’
350
mW
ICC
Analog Operating Current Inactive
2
300
µA
IDD
Digital Operating Current Inactive2
200
µA
P0
Power Dissipation Inactive
2
4.0
mW
Test conditions: VDD = VCC = 5.0 V, MCLK frequency 13.824 MHz, no load on digital pins, analog inputs ac-coupled to ground, no load on analog output
(VOUTP–VOUTN).
1Active: AD28msp01 operational (PWDD and PWDA set to 1 in Control Register 1).
2Inactive: AD28msp01 in power-down state (PWDD and PWDA set to 0 in Control Register 1) and MCLK tied to V
DD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com