Electronic Components Datasheet Search
  English  ▼

X  

ACE24C32 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE24C32
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C32 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24C32 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ACE24C32/64
Two-wire Serial EEPROM
VER 1.7
4
Ordering information
ACE24C32/64 XX
+
X
H
Serial Clock (SCL):
The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock
data out of each device.
Serial Data (SDA):
The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be
wire-ORed with any number of other open-drain or open-collector devices.
Device/Page Addresses (A2, A1, A0):
The A2, A1 and A0 pins are device address inputs that are hardwired or left not connected for
hardware compatibility with other ACE24CXX/ACE24CXX devices. When the pins are hardwired, as
many as eight 32K/64K devices may be addressed on a single bus system (device addressing is
discussed in detail under the Device Addressing section).If the pins are left floating, the A2, A1 and A0
pins will be internally pulled down to GND if the capacitive coupling to the circuit board Vcc plane is <
3pF, if coupling is > 3pF recommends connecting the address pins to GND.
Write Protect (WP):
The ACE24C32/64 has a Write Provides hardware data protection. The WP pin allows normal write operations
when connected to ground (GND). When the Write Protect pin is connected to Vcc. All write operations
to the memory are inhibited. If the pin is left floating, the WP pin will be internally pulled is < 3pF , if
coupling is > 3pF, recommends connecting the pins to GND. Switching WP to Vcc prior to a write
operation creates a software write protected function.
Write Protect Description
WP Pin Status
Part of the Array Protected
ACE24C32
ACE24C64
WP=VCC
Full (32K) Memory
Full (64K) Memory
WP=GND
Normal Read/Write Operations
Pb - free
U : Tube
T : Tape and Reel
DP : DIP-8
FM : SOP-8
TM : TSSOP-8
DM : TDFN-8
Halogen-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com