Electronic Components Datasheet Search
  English  ▼

X  

ACE24C32 Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE24C32
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C32 Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24C32 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C32 Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ACE24C32/64
Two-wire Serial EEPROM
VER 1.7
6
AC Characteristics
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.7V to +5.5V, CL = 100 pF (unless otherwise noted).
Test conditions are listed in Note 2.
Symbol
Parameter
1.7-volt
2.5-volt
5.5-volt
Units
Min Max Min Max Min Max
fSCL
Clock Frequency, SCL
400
1000
1000
kHz
TLOW
Clock Pulse Width Low
1.3
0.45
0.4
µs
THIGH
Clock Pulse Width High
0.6
0.45
0.4
µs
tI
1
100
50
50
ns
TAA
Clock Low to Data Out Valid
ACE24C32
0.02
0.9
0.02
0.55
0.02
0.55
µs
ACE24C64
0.05
0.05
0.05
TBUF
1
Time the bus must be free before a new
transmission can Start
1.3
0.5
0.5
µs
THD.STA
Start Hold Time
0.6
0.25
0.25
µs
TSU.STA
Start Setup Time
0.6
0.25
0.25
µs
THD.DAT
Data In Hold Time
0
0
0
µs
TSU.DAT
Data In Setup Time
100
100
100
ns
TR
Inputs Rise Time
0.3
0.3
0.3
µs
TF
Inputs Fall Time
300
100
100
ns
TSU.STO
Stop Setup Time
0.6
0.25
0.25
µs
TDH
Data Out Hold Time
ACE24C32
20
20
20
ns
ACE24C64
50
50
50
TWR
Write Cycle Time
5
5
5
ms
Endurance
(1)
3.6V, 25℃, Page Mode
1,000,000
Write
Cycles
Notes:1. This parameter is characterized and not 100% tested.
2.AC measurement conditions:
RL (connects to Vcc): 1.3k
Ω
Input pulse voltages: 0.3 Vcc to 0.7 Vcc
Input rise and fall times: ≦50 ns
Input and output timing reference voltages: 0.5Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com